Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP18NM60N Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP18NM60N
Description  N-channel 600 V, 0.26typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP18NM60N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP18NM60N Datasheet HTML 2Page - STMicroelectronics STP18NM60N Datasheet HTML 3Page - STMicroelectronics STP18NM60N Datasheet HTML 4Page - STMicroelectronics STP18NM60N Datasheet HTML 5Page - STMicroelectronics STP18NM60N Datasheet HTML 6Page - STMicroelectronics STP18NM60N Datasheet HTML 7Page - STMicroelectronics STP18NM60N Datasheet HTML 8Page - STMicroelectronics STP18NM60N Datasheet HTML 9Page - STMicroelectronics STP18NM60N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STB18NM60N, STF18NM60N, STP18NM60N, STW18NM60N
6/21
Doc ID 15868 Rev 4
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220 and
D²PAK
Figure 3.
Thermal impedance for TO-220 and
D²PAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for TO-247
Figure 7.
Thermal impedance for TO-247
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM05525v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
0.01
AM05526v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM05527v1


Similar Part No. - STP18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
logo
Inchange Semiconductor ...
STP18NM60N ISC-STP18NM60N Datasheet
303Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STP18NM60ND STMICROELECTRONICS-STP18NM60ND Datasheet
1Mb / 22P
   N-channel 600 V - 0.25 typ., 13 A FDmesh II Power MOSFET (with fast diode) in D2PAK
logo
Inchange Semiconductor ...
STP18NM60ND ISC-STP18NM60ND Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STP18NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
   N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STW19NM60N STMICROELECTRONICS-STW19NM60N Datasheet
1Mb / 13P
   Automotive-grade N-channel 600 V, 0.26 廓 typ., 13 A MDmesh??II Power MOSFET in a TO-247 package
October 2013 Rev 2
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
   N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
STF34NM60N STMICROELECTRONICS-STF34NM60N Datasheet
941Kb / 17P
   N-channel 600 V, 0.092 廓, 29 A MDmesh??II Power MOSFET TO-220, TO-247, TO-220FP
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com