Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR21094PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR21094PBF
Description  IR2109(4) (S) & (PbF) HALF-BRIDGE DRIVER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21094PBF Datasheet(HTML) 1 Page - International Rectifier

  IR21094PBF Datasheet HTML 1Page - International Rectifier IR21094PBF Datasheet HTML 2Page - International Rectifier IR21094PBF Datasheet HTML 3Page - International Rectifier IR21094PBF Datasheet HTML 4Page - International Rectifier IR21094PBF Datasheet HTML 5Page - International Rectifier IR21094PBF Datasheet HTML 6Page - International Rectifier IR21094PBF Datasheet HTML 7Page - International Rectifier IR21094PBF Datasheet HTML 8Page - International Rectifier IR21094PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Typical Connection
HALF-BRIDGE DRIVER
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
Gate drive supply range from 10 to 20V
Undervoltage lockout for both channels
3.3V, 5V and 15V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
High side output in phase with IN input
Logic and power ground +/- 5V offset.
Internal 540ns dead-time, and programmable
up to 5us with one external RDT resistor (IR21094)
Lower di/dt gate driver for better noise immunity
Shut down input turns off both channels.
Available in Lead-Free
Description
The IR2109(4)(S) are high voltage, high speed power
MOSFET and IGBT drivers with dependent high and
low side referenced output channels. Proprietary HVIC
and latch immune CMOS technologies enable rugge-
dized monolithic construction. The logic input is
compatible with standard CMOS or LSTTL output,
down to 3.3V logic. The output drivers feature a high
IR21094
IR2109
Packages
IR2109(4) (S) & (PbF)
Data Sheet No. PD60163-U
VOFFSET
600V max.
IO+/-
120 mA / 250 mA
VOUT
10 - 20V
ton/off (typ.)
750 & 200 ns
Dead Time
540 ns
(programmable up to 5uS for IR21094)
Product Summary
www.irf.com
1
V
CC
V
B
V
S
HO
LO
COM
IN
SD
SD
IN
up to 600V
TO
LOAD
V
CC
IN
up to 600V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
IN
DT
V
SS
SD
V
CC
SD
V
SS
R
DT
8 Lead PDIP
14 Lead PDIP
8 Lead SOIC
14 Lead SOIC
pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to
drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.
(Refer to Lead Assignments for correct
configuration). This/These diagram(s) show
electrical connections only. Please refer to our
Application Notes and DesignTips for proper
circuit board layout.


Similar Part No. - IR21094PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21094 IRF-IR21094 Datasheet
173Kb / 9P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21094 INFINEON-IR21094 Datasheet
357Kb / 25P
   HALF-BRIDGE DRIVER
logo
International Rectifier
IR21094S IRF-IR21094S Datasheet
173Kb / 9P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21094S INFINEON-IR21094S Datasheet
357Kb / 25P
   HALF-BRIDGE DRIVER
logo
International Rectifier
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
More results

Similar Description - IR21094PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2109STRPBF IRF-IR2109STRPBF Datasheet
355Kb / 25P
   IR2109(4) (S) & (PBF) HALF-BRIDGE DRIVER
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com