Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEBFL7701_L30U003A Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FEBFL7701_L30U003A
Description  2.4W LED Ballast Using FL7701
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FEBFL7701_L30U003A Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FEBFL7701_L30U003A Datasheet HTML 5Page - Fairchild Semiconductor FEBFL7701_L30U003A Datasheet HTML 6Page - Fairchild Semiconductor FEBFL7701_L30U003A Datasheet HTML 7Page - Fairchild Semiconductor FEBFL7701_L30U003A Datasheet HTML 8Page - Fairchild Semiconductor FEBFL7701_L30U003A Datasheet HTML 9Page - Fairchild Semiconductor FEBFL7701_L30U003A Datasheet HTML 10Page - Fairchild Semiconductor FEBFL7701_L30U003A Datasheet HTML 11Page - Fairchild Semiconductor FEBFL7701_L30U003A Datasheet HTML 12Page - Fairchild Semiconductor FEBFL7701_L30U003A Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© 2012 Fairchild Semiconductor Corporation
9
FEBFL7701_L30U003A • Rev. 1.0.2
6.
Bill of Materials
Qty Reference
Part Number
Value
Description
Manufacturer
PCB Silkscreen
1
U1
FL7701
Controller
Fairchild
Semiconductor
1
BD
MB6S
0.5A /
600V
Diode, Bridge, 600V, 0.5A
Fairchild
Semiconductor
1
C1
MPE 630V223K
22nF
Capacitor, 630VAC, 10%,
Polypropylene
Sungho
C1
1
C2
MPE 630V333K
33nF
Capacitor, 630VAC, 10%,
Polypropylene
Sungho
C2
1
C3
C0805C101K3RACTU 100pF
Capacitor, SMD, Ceramic,
25V, X7R
Kemet
ADIM
1
C4
C1206C225K3PACTU 2.2µF
Capacitor, SMD, Ceramic,
25V, X7R
Kemet
VCC
1
D1
UF4007
1A /
1kV
Diode, 1kV, 1A Ultra-Fast
Recovery
Fairchild
Semiconductor
FRD
1
D2
1N4148
1A /
100V
100V/1A, Small-Signal
Diode
Fairchild
Semiconductor
4148
2
L1, L2
R06153KT00
15mH
Inductor, Radial, R6.5x7.5
Bosung
L1, L2
1
L3
R06402KT00
4mH
Inductor, Radial, R6.5x7.5
Bosung
L3
1
R1
RC1206JR-07680RL
680R
Resistor,SMD,1/4W,1206
Yageo
1
R2
RC1206JR-0710KL
10k
Resistor,SMD,1/4W,1206
Yageo
1
R3
RC0805JR-0724KL
24k
Resistor,SMD,1/8W,0805
Yageo
RT
1
R4
RC0805JR-07510RL
510R
Resistor,SMD,1/8W,0805
Yageo
RG
1
R5
RC1206JR-073RL
3.0R
Resistor,SMD,1/4W,1206
Yageo
RCS
7.
Test Condition & Test Equipment
Evaluation Board
FEBFL7701_L30U003A
Test Date
2012.01.19
Test Temperature
TA = 25°C
Test Equipments
AC Source: PCR500L by Kikusui
Power Meter: PZ4000 by Yokogawa
Oscilloscope: Waverunner 64Xi by Lecroy
EMI Test Receiver: ESCS30 by ROHDE & SCHWARZ
Two-Line V-Network: ENV216 by ROHDE & SCHWARZ
Thermometer: CAM SC640 by FLIR SYSTEMS
LED: EHP-AX08EL/GT01H-P03 (3W) by Everlight


Similar Part No. - FEBFL7701_L30U003A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEBFL7730 FAIRCHILD-FEBFL7730 Datasheet
1Mb / 24P
   Dimmable LED Bulb at Low Line
More results

Similar Description - FEBFL7701_L30U003A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL7701 FAIRCHILD-FL7701 Datasheet
2Mb / 24P
   2.4W LED Ballast Using FL7701
logo
Power Integrations, Inc...
DER-38 POWERINT-DER-38 Datasheet
878Kb / 23P
   2.4W Power Supply using LNK520P
logo
STMicroelectronics
AN3973 STMICROELECTRONICS-AN3973 Datasheet
3Mb / 24P
   Electronic ballast with active PFC using
logo
Fairchild Semiconductor
AN-7701 FAIRCHILD-AN-7701 Datasheet
276Kb / 3P
   FL7701 Design Tool Flow
logo
STMicroelectronics
AN993 STMICROELECTRONICS-AN993 Datasheet
1Mb / 27P
   Electronic ballast with PFC using L6574 and L6561
logo
International Rectifier
IRPLLNR3 IRF-IRPLLNR3 Datasheet
329Kb / 27P
   Universal Input Linear Fluorescent Ballast using the IR2167
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
logo
Power Integrations, Inc...
TNY264P POWERINT-TNY264P Datasheet
369Kb / 19P
   2.4W Battery Charger/Adapter
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
   LED Driver & Ballast Surge Protectors, Enhanced
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com