Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMX3NTR Datasheet(PDF) 1 Page - Rohm

Part # UMX3NTR
Description  General purpose (dual transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMX3NTR Datasheet(HTML) 1 Page - Rohm

  UMX3NTR Datasheet HTML 1Page - Rohm UMX3NTR Datasheet HTML 2Page - Rohm UMX3NTR Datasheet HTML 3Page - Rohm UMX3NTR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.12 - Rev.B
UMX3N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
0.1Min.
2.1
1.25
IMX3
Each lead has same dimensions
ROHM : SMT6
EIAJ : SC-74
0.3Min.
2.8
1.6
Each lead has same dimensions
ROHM : EMT6
EMX3
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)
General purpose (dual transistors)
EMX3 / UMX3N / IMX3
Features
Dimensions (Unit : mm)
Two 2SC2412AK chips in a EMT or UMT or SMT package.
Inner circuits
(1)
(2)
(3)
(4)
(5)
(6)
(6)
(5)
(4)
(3)
(2)
(1)
EMX3 / UMX3N
IMX3
Tr2
Tr1
Tr2
Tr1
Package, marking, and packaging specifications
Type
EMX3
EMT6
X3
T2R
8000
UMX3N
UMT6
X3
TR
3000
IMX3
SMT6
X3
T108
3000
Package
Marking
Code
Basic ordering unit (pieces)
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
60
50
7
150
300(TOTAL)
150(TOTAL)
EEMX3 / UMX3N
IMX3
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
60
50
7
120
180
0.1
0.1
0.4
560
V
V
V
μA
μA
V
MHz
Cob
2
3.5
pF
IC
=50μA
IC
=1mA
IE
=50μA
VCB
=60V
VEB
=7V
VCE
=12V, IE=−2mA, f=100MHz
VCB
=12V, IE=0mA, f=1MHz
IC/IB
=50mA/5mA
VCE
=6V, IC=1mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Output capacitance


Similar Part No. - UMX3NTR

ManufacturerPart #DatasheetDescription
logo
Rohm
UMX3N ROHM-UMX3N Datasheet
68Kb / 3P
   General purpose (dual transistors)
UMX3N ROHM-UMX3N Datasheet
46Kb / 3P
   General purpose (dual transistors)
UMX3N ROHM-UMX3N Datasheet
110Kb / 4P
   General purpose (dual transistors)
logo
Jiangsu Changjiang Elec...
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
logo
Rohm
UMX3N ROHM-UMX3N Datasheet
110Kb / 4P
   General purpose (dual transistors)
More results

Similar Description - UMX3NTR

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com