Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1803AAL Datasheet(PDF) 3 Page - Littelfuse

Part # P1803AAL
Description  SIDACtor Balanced Series - Modified TO-220
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1803AAL Datasheet(HTML) 3 Page - Littelfuse

  P1803AAL Datasheet HTML 1Page - Littelfuse P1803AAL Datasheet HTML 2Page - Littelfuse P1803AAL Datasheet HTML 3Page - Littelfuse P1803AAL Datasheet HTML 4Page - Littelfuse P1803AAL Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SIDACtor® ProtectionThyristors
173
Revised: February 22, 2011
© 2011 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Baseband Protection (Voice-DS1)
IH
IT
IS
IDRM
VDRM
VT
+V
-V
+I
-I
VS
50
100
0
tr
td
0
Peak
Value
Half Value
t – Time (μs)
tr = rise time to peak value
td = decay time to half value
Waveform = tr x td
V-I Characteristics
t
r x td Pulse Waveform
25°C
CaseTemperature (T
C) - ºC
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100 120 140 160
Normalized V
S Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
Package
Symbol
Parameter
Value
Unit
Modified
TO-220
PIN 1
PIN 2
PIN 3
T
J
Operating Junction Temperature Range
°C
T
S
Storage Temperature Range
°C
R
0JA
Thermal Resistance: Junction to Ambient
50
°C/W
Thermal Considerations
-8
-40 -20
0
20 40 60 80 100 120 140 160
-6
-4
0
2
4
6
8
10
12
14
JunctionTemperature (TJ) – °C
25 °C


Similar Part No. - P1803AAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1803AAL LITTELFUSE-P1803AAL Datasheet
167Kb / 5P
   Baseband Protection (Voice-DS1)
P1803AALRP LITTELFUSE-P1803AALRP Datasheet
154Kb / 5P
   Low voltage overshoot Balanced overvoltage protection
P1803AALXX LITTELFUSE-P1803AALXX Datasheet
144Kb / 5P
   The series provides a single port through-hole solution that enables voice
P1803AALxx LITTELFUSE-P1803AALxx Datasheet
144Kb / 5P
   Balanced overvoltage
More results

Similar Description - P1803AAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0602AAMCL LITTELFUSE-P0602AAMCL Datasheet
141Kb / 5P
   MC Series - Modified TO-220
P1553ACMCLXX LITTELFUSE-P1553ACMCLXX Datasheet
1Mb / 4P
   Balanced MC Series Modified TO-220 are low capacitance SIDACtor짰 devices
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P1553ACLXX LITTELFUSE-P1553ACLXX Datasheet
159Kb / 4P
   The SIDACtor짰 Primary Protection Balanced Series Modified TO-220 are thyristor devices designed
P1553U_L LITTELFUSE-P1553U_L Datasheet
170Kb / 3P
   Balanced Three-chip SIDACtor
A2106UC6RP LITTELFUSE-A2106UC6RP Datasheet
2Mb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P3206UCLRP LITTELFUSE-P3206UCLRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P1553A_L LITTELFUSE-P1553A_L Datasheet
103Kb / 3P
   Balanced Three-chip SIDACtor
P2706UCLRP LITTELFUSE-P2706UCLRP Datasheet
178Kb / 3P
   Multiport Balanced SIDACtor Device
P0641A LITTELFUSE-P0641A_2 Datasheet
117Kb / 2P
   Twin SLIC Protector Modified TO-220
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com