Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSE002P03TL Datasheet(PDF) 3 Page - Rohm

Part # RSE002P03TL
Description  4V Drive Pch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSE002P03TL Datasheet(HTML) 3 Page - Rohm

  RSE002P03TL Datasheet HTML 1Page - Rohm RSE002P03TL Datasheet HTML 2Page - Rohm RSE002P03TL Datasheet HTML 3Page - Rohm RSE002P03TL Datasheet HTML 4Page - Rohm RSE002P03TL Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RSE002P03
Transistors
Rev.A
3/4
GATE-SOURCE VOLTAGE :
−VGS (V)
02
3
1
0
20
15
10
5
45
6
8
9
710
Fig.5 Static Drain-Source
On-State Resistance vs.
Gate-Source Voltage
Ta=25
°C
Pulsed
ID=
−125mA
ID=
−250mA
SOURCE-DRAIN VOLTAGE :
−VSD (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
1
0.1
1.6
Fig.6 Reverse Drain Current vs.
Source-Drain Voltage
Ta=125
°C
75
°C
25
°C
−25°C
VGS= 0V
Pulsed
GATE-SOURCE VOLTAGE :
−VGS (V)
1.4
0.1
0.01
0.001
1
2.2
1.6 1.8 2.0
2.4 2.6 2.8 3.0 3.2 3.4
Fig.4 Typical Transfer Characteristics
VDS=
10V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
Electrical characteristics curves
DRAIN-SOURCE VOLTAGE :
−VDS (V)
1
10
100
0.01
0.1
1
10
100
Fig.1 Typical Capacitance
vs. Drain-Source Voltage
Ta=25
°C
f=1MHz
VGS=0V
Ciss
Crss
Coss
DRAIN CURRENT :
−ID (A)
0.01
1
10
100
1000
0.1
1
Fig.2 Switching Characteristics
Ta=25
°C
VDD=
−15V
VGS=
−10V
RG=10
Pulsed
tf
tr
td (off)
td (on)
TOTAL GATE CHARGE : Qg (nC)
0
1
0
2
4
5
6
7
3
8
0.2
0.4
0.6
0.8
1
Fig.3 Dynamic Input Characteristics
Ta=25
°C
VDD=
−15V
ID=
−250mA
RG=10
Pulsed
DRAIN CURRENT :
−ID (A)
0.01
0.1
1
0.1
10
1
Fig.7 Static Drain-Source
On-State Resistance vs.
Drain current (
Ι )
Ta=125
°C
75
°C
25
°C
−25°C
VGS=
−10V
Pulsed
DRAIN CURRENT :
−ID (A)
0.01
0.1
1
0.1
10
1
Fig.8 Static Drain-Source
On-State Resistance vs.
Drain current (
ΙΙ )
Ta=125
°C
75
°C
25
°C
−25°C
VGS=
−4.5V
Pulsed
DRAIN CURRENT :
−ID (A)
0.01
0.1
1
0.1
10
1
Fig.9 Static Drain-Source
On-State Resistance vs.
Drain current (
ΙΙΙ )
Ta=125
°C
75
°C
25
°C
−25°C
VGS=
−4V
Pulsed


Similar Part No. - RSE002P03TL

ManufacturerPart #DatasheetDescription
logo
Rohm
RSE002P03 ROHM-RSE002P03 Datasheet
66Kb / 5P
   4V Drive Pch MOSFET
More results

Similar Description - RSE002P03TL

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
UM6J1N ROHM-UM6J1N_09 Datasheet
168Kb / 4P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com