Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTR24DP103M Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RTR24DP103M
Description  Multiturn / Wirewound / Industrial / Sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RTR24DP103M Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RTR24DP103M Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
2
1
1
2
3
4.75
(.187)
2.54
(.100)
4.75
(.187)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
1.19
(.075)
3.81
(.150)
1.27*
(.050)
1.52
*
(.060)
1.91
(.075)
1.02
(.040)
9.53 ± .38*
(.375 ± .015)
32 1
2.54
(.100)
4.75
(.187)
9.53 ± .38
*
(.375 ± .015)
2.54
(.100)
8.00 ± .38
(.315 ± .015)
TYP.*
.51 ± .03
(.020 ± .001)
DIA. TYP.*
ADJ. SLOT
1.52
(.060)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
Features
Multiturn / Wirewound / Industrial / Sealed
■ Listed on the QPL per MIL-PRF-27208
and High-Rel MIL-PRF-39015
■ Panel mount option available
For trimmer applications/processing
guidelines, click here
RT24/RTR24 - 3/8 ” Square Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
RT24 ..........................10 to 10K ohms
RTR24......................500 to 10K ohms
(see standard resistance table)
Resistance Tolerance .............. ±5 % std.
Absolute Minimum Resistance
...........................0.1 % or 1 ohm max.
(whichever is greater)
Noise .....................100 ohms ENR max.
Resolution
.......... (see standard resistance table)
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ............................ 1,000 vac
80,000 Feet ............................ 350 vac
Adjustment Travel............. 25 turns nom.
Environmental Characteristics
Power Rating @ 85 °C ............ 0.75 watt
Power Rating @ 150 °C ............... 0 watt
Temperature Range....-65 °C to +150 °C
Temperature Coefficient ...... ±50 ppm/°C
Seal Test...................... 85 °C Fluorinert*
Humidity
RT24 ....... (1 %
ΔTR; 10 Megohms IR)
RTR24... (1 %
ΔTR; 100 Megohms IR)
Vibration .......................................... 20G
(1 %
ΔTR; 0.5 % + resolution ΔVR)
Shock............................................. 100G
(1 %
ΔTR; 0.5 % + resolution ΔVR)
Load Life
RT24 .1,000 hours 0.75 watt @ 85 °C
(2 %
ΔTR; 2 % + resolution ΔVR)
RTR24............ 10,000 hours 0.75 watt
@ 85 °C
(3 % + resolution
ΔVR)
Rotational Life........................ 200 cycles
(2 %
ΔTR)
Physical Characteristics
Torque............................. 5.0 oz-in. max.
Mechanical Stops ................. Wiper idles
Terminals ..... MIL-STD-202; Method 208
Weight ..................................... 0.025 oz.
Marking................. Mil-spec part number
Wiper ............... 50 % (Actual TR) ±10 %
Flammability .......................... U.L. 94V-0
Standard Packaging ..... 50 pcs. per tube
Adjustment Tool .............................. H-90
Product Dimensions
How To Order
RT24 C2 P 501
Model
Characteristic
C = ±50 ppm/°C Temp. Coeff. Max.
2 = 85 °C Rating Temp.
150 °C Max. Operating Temp.
Terminal Style
Resistance Code
REV. 12/12
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
RT24C2P/RTR24DP
DIMENSIONS:
MM
(INCHES)
MIL-PRF-27208
RT24 Standard Resistance Table
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
10
100
1.11
20
200
0.93
50
500
0.62
100
101
0.60
200
201
0.54
500
501
0.42
1,000
102
0.33
2,000
202
0.26
5,000
502
0.20
10,000
103
0.17
RT24C2X/RTR24DX
Common Dimensions
RT24C2W/RTR24DW
*Common dimensions
How To Order
RTR24 D P 202 M
Model
Characteristic
D = ±50 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
Failure Rate
M = 1.0 %
MIL-PRF-39015
RTR24 Standard Resistance Table
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
500
501
0.60
1,000
102
0.40
2,000
202
0.30
5,000
502
0.25
10,000
103
0.19
1
3 CW
CLOCKWISE
CCW
2 WIPER


Similar Part No. - RTR24DP103M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RTR24DP103M BOURNS-RTR24DP103M Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
More results

Similar Description - RTR24DP103M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3290H-1-103M BOURNS-3290H-1-103M Datasheet
130Kb / 1P
   Square Trimpot Trimming Potentiometer Multiturn/ Wirewound / Industrial / Sealed
logo
Copal Electronics
M22L10_SERIES COPAL-M22L10_SERIES Datasheet
80Kb / 2P
   WIREWOUND MULTITURN TYPE
M_SERIES COPAL-M_SERIES Datasheet
97Kb / 3P
   WIREWOUND MULTITURN TYPE
logo
Bourns Electronic Solut...
3296W-1-103LF BOURNS-3296W-1-103LF Datasheet
188Kb / 2P
   Multiturn / Cermet / Industrial / Sealed 5 terminal styles
logo
List of Unclassifed Man...
M-22E10-0502K ETC2-M-22E10-0502K Datasheet
144Kb / 3P
   WIREWOUND MULTITURN TYPE Mseries
logo
Suntan Capacitors
TSR-3590 SUNTAN-TSR-3590_17 Datasheet
296Kb / 1P
   Precision Multiturn Wirewound Potentiometer
logo
Vatronics Technologies ...
3590S VATRONICS-3590S Datasheet
160Kb / 1P
   Precision Multiturn Wirewound Potentiometers
logo
Kingtronics Internation...
RKT-3590 KINGTRONICS-RKT-3590 Datasheet
362Kb / 1P
   PRECISION MULTITURN WIREWOUND POTENTIOMETER
logo
Suntan Capacitors
TSR-3590 SUNTAN-TSR-3590 Datasheet
297Kb / 1P
   Precision Multiturn Wirewound Potentiometer - 3590
logo
Bourns Electronic Solut...
3214X-1-502E BOURNS-3214X-1-502E Datasheet
675Kb / 2P
   Surface Mount 4 mm Square / Multiturn Cermet / Industrial / Sealed
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com