Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4610X-101-103 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 4610X-101-103
Description  4600X Series - Thick Film Conformal SIPs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610X-101-103 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4610X-101-103 Datasheet HTML 1Page - Bourns Electronic Solutions 4610X-101-103 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
RoHS compliant*
Low profile is compatible with DIPs
Wide assortment of pin packages enhances
design flexibility
Ammo-pak packaging available
Recommended for rosin flux and solvent
clean or no clean flux processes
Marking on contrasting background for
permanent identification
4600X Series - Thick Film Conformal SIPs
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Product Characteristics
Resistance Range
....................10 ohms to 10 megohms
Maximum Operating Voltage.........100 V
Temperature Coefficient of Resistance
50
Ω to 2.2 megohms ... ±100 ppm/°C
below 50
Ω.................... ±250 ppm/°C
above 2.2 megohms ..... ±250 ppm/°C
TCR Tracking ........................ 50 ppm/°C
maximum; equal values
Resistor Tolerance ............... See circuits
Insulation Resistance
................ 10,000 megohms minimum
Dielectric Withstanding Voltage
...........................................200 VRMS
Operating Temperature
............................... -55 °C to +125 °C
Environmental Characteristics
TESTS PER MIL-STD-202........
ΔR MAX.
Short Time Overload ................ ±0.25 %
Load Life................................... ±1.00 %
Moisture Resistance................. ±0.50 %
Resistance to Soldering Heat
.............................................. ±0.50 %
Terminal Strength ..................... ±0.25 %
Thermal Shock ......................... ±0.25 %
Physical Characteristics
Flammability ........Conforms to UL94V-0
Body Material ...................... Epoxy resin
Standard Packaging
..................Bulk, Ammo-pak available
Package Power Temp. Derating Curve
How To Order
46 06 X - 101 - 222 __ LF
Model
(46 = Conformal
SIP)
Number of Pins
Physical Configuration
(X = Thick Film Low Profile)
Electrical Configuration
• 101 = Bussed
• 102 = Isolated
• 104 = Dual Terminator
• AP1 = Bussed Ammo**
• AP2 = Isolated Ammo**
• AP4 = Dual Ammo**
Resistance Code
• First 2 digits are significant
• Third digit represents the
number of zeros to follow.
Resistance Tolerance
• Blank = ±2 % (see “Resistance Tolerance”
on next page for resistance range)
• F = ±1 % (100 ohms - 5 megohms)
Terminations
• All electrical configurations EXCEPT 104 & AP4:
LF = Sn/Ag/Cu-plated (RoHS compliant)
• ONLY electrical configurations 104 & AP4:
L = Sn/Ag/Cu-plated (RoHS compliant)
Consult factory for other available options.
**Available for packages with 10 pins or less.
Product Dimensions
Package Power Ratings (Watts)
Ambient
Ambient
Temp.
Temp.
Pkg.
70 °C
Pkg.
70 °C
4604X
0.50
4610X
1.25
4605X
0.63
4611X
1.38
4606X
0.75
4612X
1.50
4607X
0.88
4613X
1.63
4608X
1.00
4614X
1.75
4609X
1.13
Typical Part Marking
Represents total content. Layout may
vary.
For Standard Values Used in
Capacitors, Inductors, and Resistors,
click here.
AMBIENT TEMPERATURE ( C )
°
0
70
125
3.50
3.00
2.50
2.00
1.50
1.00
.50
25
4612X
4608X
4606X
4614X
4604X
4610X
Part Number
Marking
4606X-101-RC
6X-1-RC
4608X-102-RC
8X-2-RC
4610X-104-RC/RC
10X-4-RC/RC
RC = ohmic value, 3-digit resistance
code.
NUMBER OF PINS
6X-2-222
YYWW
CIRCUIT
RESISTANCE
CODE
PIN ONE
INDICATOR
MANUFACTURER'S
TRADEMARK
DATE CODE
A
MAXIMUM
PIN #1
REF.
5.08
(.200)
MAX.
3.3 +0.5/-0.3
(.130 +.020/ -.012)
1.24
(.049)
MAX.
BOTH ENDS
.508
± .050
(.020
± .002)
TYP.
2.54
± .07
(.100
± .003*)
TYP.
NON-ACCUM.
2.49
(.098)
MAX.
.254
± .050
(.010
± .002)
MAX.
Maximum package length is equal to 2.54mm (.100") times the
number of pins, less .005mm (.002").
Governing dimensions are in metric. Dimensions in parentheses
are inches and are approximate.
*Terminal centerline to centerline measurements made at point of
emergence of the lead from the body.
Pin
A Maximum
Count
mm (Inches)
4
10.11 (.398)
5
12.65 (.498)
6
15.19 (.598)
7
17.73 (.698)
8
20.27 (.798)
9
22.81 (.898)
10
25.35 (.998)
11
27.89 (1.098)
12
30.43 (1.198)
13
32.97 (1.298)
14
35.51 (1.398)


Similar Part No. - 4610X-101-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4610X-101-103LF BOURNS-4610X-101-103LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
More results

Similar Description - 4610X-101-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4609X-101-221LF BOURNS-4609X-101-221LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4609X-101-472LF BOURNS-4609X-101-472LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4610X-101-103LF BOURNS-4610X-101-103LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4609X-101-272LF BOURNS-4609X-101-272LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4612X-102-331LF BOURNS-4612X-102-331LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4608X-102-121LF BOURNS-4608X-102-121LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4606X-102-103LF BOURNS-4606X-102-103LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4610X-101-102LF BOURNS-4610X-101-102LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4610X-102-222 BOURNS-4610X-102-222 Datasheet
246Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4608X-102-823LF BOURNS-4608X-102-823LF Datasheet
220Kb / 2P
   4600X Series - Thick Film Conformal SIPs
4608X-102-104LF BOURNS-4608X-102-104LF Datasheet
240Kb / 3P
   4600X Series - Thick Film Conformal SIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com