Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143EEB Datasheet(PDF) 1 Page - Rohm

Part # DTC143EEB
Description  NPN 100mA 50V Digital Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143EEB Datasheet(HTML) 1 Page - Rohm

  DTC143EEB Datasheet HTML 1Page - Rohm DTC143EEB Datasheet HTML 2Page - Rohm DTC143EEB Datasheet HTML 3Page - Rohm DTC143EEB Datasheet HTML 4Page - Rohm DTC143EEB Datasheet HTML 5Page - Rohm DTC143EEB Datasheet HTML 6Page - Rohm DTC143EEB Datasheet HTML 7Page - Rohm DTC143EEB Datasheet HTML 8Page - Rohm DTC143EEB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
DTC143E series
NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
1) Built-In Biasing Resistors, R1 = R2 = 4.7kW.
2) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
3) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
4) Only the on/off conditions need to be set for
operation, making the circuit design easy.
5) Complementary PNP Types :DTA143E series
6) Lead Free/RoHS Compliant.
lInner circuit
lApplication
Switching circuit, Inverter circuit, Interface circuit,
Driver circuit
lPackaging specifications
VMT3
EMT3F
EMT3
UMT3F
UMT3
SMT3
3,000
23
DTC143EKA
SMT3
2928
T146
180
8
3,000
23
DTC143EUA
UMT3
2021
T106
180
8
DTC143EUB
UMT3F
2021
TL
180
DTC143EE
EMT3
1616
TL
180
3,000
23
8
3,000
23
8
TL
180
8
3,000
23
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
DTC143EM
VMT3
1212
T2L
180
8
8,000
Reel size
(mm)
23
DTC143EEB
EMT3F
1616
Part No.
Package
Package
size
(mm)
Taping
code
Parameter
Value
VCC
50V
IC(MAX.)
100mA
R1
4.7kW
R2
4.7kW
DTC143EM
(SC-105AA)
OUT
IN
GND
OUT
IN
GND
DTC143EUB
(SC-85)
DTC143EE
SOT-416 (SC-75A)
DTC143EKA
SOT-346 (SC-59)
DTC143EUA
SOT-323 (SC-70)
DTC143EEB
(SC-89)
OUT
IN
GND
OUT
IN
GND
OUT
IN
GND
OUT
IN
GND
1/10
2012.04 - Rev.A


Similar Part No. - DTC143EEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EEB ROHM-DTC143EEB Datasheet
65Kb / 3P
   100mA / 50V Digital transistors
DTC143EEB ROHM-DTC143EEB Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143EEB ROHM-DTC143EEB Datasheet
567Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143EEB ROHM-DTC143EEB Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC143EEB ROHM-DTC143EEB Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTC143EEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144ECA ROHM-DTC144ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144G ROHM-DTC144G Datasheet
1Mb / 10P
   NPN 100mA 50V Digital Transistors
DTC114EUBHZG ROHM-DTC114EUBHZG Datasheet
1Mb / 9P
   NPN 100mA 50V Digital Transistors
DTC143X ROHM-DTC143X_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC114ECA ROHM-DTC114ECA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC144GUAT106 ROHM-DTC144GUAT106 Datasheet
424Kb / 7P
   NPN 100mA 50V Digital Transistors
DTC143ZKAT146 ROHM-DTC143ZKAT146 Datasheet
566Kb / 11P
   NPN 100mA 50V Digital Transistors
DTC114YCA ROHM-DTC114YCA Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC015T ROHM-DTC015T Datasheet
1Mb / 8P
   NPN 100mA 50V Digital Transistors
DTC143E ROHM-DTC143E_15 Datasheet
3Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC143T ROHM-DTC143T_12 Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com