Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS27508E14F5P Datasheet(PDF) 38 Page - Amphenol Corporation

Part # MS27508E14F5P
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS27508E14F5P Datasheet(HTML) 38 Page - Amphenol Corporation

Back Button MS27508E14F5P Datasheet HTML 34Page - Amphenol Corporation MS27508E14F5P Datasheet HTML 35Page - Amphenol Corporation MS27508E14F5P Datasheet HTML 36Page - Amphenol Corporation MS27508E14F5P Datasheet HTML 37Page - Amphenol Corporation MS27508E14F5P Datasheet HTML 38Page - Amphenol Corporation MS27508E14F5P Datasheet HTML 39Page - Amphenol Corporation MS27508E14F5P Datasheet HTML 40Page - Amphenol Corporation MS27508E14F5P Datasheet HTML 41Page - Amphenol Corporation MS27508E14F5P Datasheet HTML 42Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
36
LJT07 (MS27470) — hermetic
jam nut receptacle
* LJT07H-XX-XXX
** LJT07Y-XX-XXX (MS27470YXXD)
*** LJTS07Y-XX-XXX (MS27470YXXE)
A•
H Hex
N
T•
KK
RR Thread
Shell
+.000
C
+.017
L
+.000
S
+.010
+.011
Class 2A
Size
–.010
Max.
–.016
Max
–.005
±.016
–.000
–.000
(Plated)
9
.669
1.199
.875
.297
.572
1.062
.697
.642
.6875-24 UNEF
11
.769
1.386
1.000
.297
.700
1.250
.822
.766
.8125-20 UNEF
13
.955
1.511
1.188
.297
.850
1.375
1.007
.892
1.0000-20 UNEF
15
1.084
1.636
1.312
.297
.975
1.500
1.134
1.018
1.1250-18 UNEF
17
1.208
1.761
1.438
.297
1.100
1.625
1.259
1.142
1.2500-18 UNEF
19
1.333
1.949
1.562
.328
1.207
1.812
1.384
1.268
1.3750-18 UNEF
21
1.459
2.073
1.688
.328
1.332
1.938
1.507
1.392
1.5000-18 UNEF
23
1.580
2.199
1.812
.328
1.457
2.062
1.634
1.518
1.6250-18 UNEF
25
1.709
2.328
2.000
.328
1.582
2.188
1.759
1.642
1.7500-18 UNS
★ .059 Dia. Min. 3 lockwire holes.
Formed lockwire hole design (6 holes) is optional.
• “D” shaped mounting hole dimensions.
* To complete order number see page 53.
** Interfacial seal wafer; to complete order number see page 53.
*** High temperature version, interfacial seal wafer with stainless steel shell, to complete order number see page 53.
All dimensions for reference only.
C
H
S
N
RR
KK
L
.084
T
A
.915
.062 MIN.
.125 MAX.
±.005
PANEL THICKNESS
±.025


Similar Part No. - MS27508E14F5P

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MS27508 GLENAIR-MS27508 Datasheet
59Kb / 1P
   Military Standard Connector Index
More results

Similar Description - MS27508E14F5P

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ES27484T22F21S AMPHENOL-ES27484T22F21S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27467T17B35S-LC AMPHENOL-MS27467T17B35S-LC Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27473E10B35S AMPHENOL-MS27473E10B35S Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27484T16F8S-LC AMPHENOL-MS27484T16F8S-LC Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
JT06RE-18-53P AMPHENOL-JT06RE-18-53P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
M39029-57-354 AMPHENOL-M39029-57-354 Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
M3902976-424 AMPHENOL-M3902976-424 Datasheet
2Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
MS27505E15B35P AMPHENOL-MS27505E15B35P Datasheet
1Mb / 57P
   Amphenol JT/LJT Subminiature Cylindrical Connectors
JT06A-24-61P AMPHENOL-JT06A-24-61P Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
MS27497T24B4S AMPHENOL-MS27497T24B4S Datasheet
1Mb / 57P
   JT/LJT Subminiature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com