Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM29LV400BB-90EC Datasheet(PDF) 47 Page - SPANSION

Part # AM29LV400BB-90EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV400BB-90EC Datasheet(HTML) 47 Page - SPANSION

Back Button AM29LV400BB-90EC Datasheet HTML 40Page - SPANSION AM29LV400BB-90EC Datasheet HTML 41Page - SPANSION AM29LV400BB-90EC Datasheet HTML 42Page - SPANSION AM29LV400BB-90EC Datasheet HTML 43Page - SPANSION AM29LV400BB-90EC Datasheet HTML 44Page - SPANSION AM29LV400BB-90EC Datasheet HTML 45Page - SPANSION AM29LV400BB-90EC Datasheet HTML 46Page - SPANSION AM29LV400BB-90EC Datasheet HTML 47Page - SPANSION AM29LV400BB-90EC Datasheet HTML 48Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
December 4, 2006 21523D4
Am29LV400B
45
D A TA
SH EE T
REVISION SUMMARY
Revision A (January 1998)
First release.
Revision B (July 1998)
Expanded data sheet from Advanced Information to
Preliminary version.
Distinctive Characteristics
Changed “Manufactured on 0.35 µm process technol-
ogy” to “Manufactured on 0.32 µm process technology”.
General Description
Second paragraph: Changed “This device is manufac-
tured using AMD’s 0.35 µm process technology” to
“This device is manufactured using AMD’s 0.32 µm
process technology”.
Revision B+1 (August 1998)
Global
Added the 55 ns speed option.
Connection Diagrams
Corrected the orientation identifiers on the reverse
TSOP package. Changed the FBGA drawing to top
view, balls facing down.
Revision C (January 1999)
Global
Added -50R speed option.
Ordering Information
Valid Combinations: Deleted the Am29LV400BT80
and Am29LV400BB80 entries.
Erase and Programming Performance
Note 2: Changed “(3.0 V for 55R)’ to “(3.0 V for regu-
lated speed options)”.
Revision C+1 (July 2, 1999)
Global
Deleted references to the 50R speed option.
Revision D (January 3, 1999)
AC Characteristics—Figure 17. Program
Operations Timing and Figure 18. Chip/Sector
Erase Operations
Deleted t
GHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations. The
FBGA package OPN designation is now FBA048.
Revision D+1 (November 8, 2000)
Global
Added table of contents. Deleted burn-in option from
Ordering Information section.
Revision D+2 (October 30, 2003)
Package Options
Added Lead (Pb) - Free Packaging Available option.
Special Handling Instructions for Fine Pitch Ball
Grid Array (FBGA)
Removed first sentence of second paragraph.
Standard Products - Temperature Range
Added new D, F, and K temperature ranges, and in-
cluded this new information in the valid combinations
for TSOP, SO, and FBGA Packages
DC Characteristics - CMOS Compatible
Added I
LR.
AC Characteristics - Read Operations
Modified speed options for t
EHQZ and tGHQZ.
AC Characteristics - Word/Byte Configuration
(BYTE#)
Modified speed options for t
FLQZ.
BGA Capacitance
Added new table with specified information.
Trademarks
Updated.
Revision D+3 (December 13, 2005)
Global
This product has been retired and is not available for
designs. For new and current designs, S29AL004D
supersedes Am29LV400B and is the factory-recom-
me nde d m i g r at ion pa th . Please refe r t o t h e
S29AL004D data sheet for specifications and ordering
information. Availability of this document is retained for
reference and historical purposes only.
Revision D4 (December 4, 2006)
AC Characteristics
Erase/Program Operations table: Changed t
BUSY to a
maximum specification.


Similar Part No. - AM29LV400BB-90EC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV400BB-90DPC1 AMD-AM29LV400BB-90DPC1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-90DPE1 AMD-AM29LV400BB-90DPE1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-90DPI1 AMD-AM29LV400BB-90DPI1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-90DTC1 AMD-AM29LV400BB-90DTC1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400BB-90DTE1 AMD-AM29LV400BB-90DTE1 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - AM29LV400BB-90EC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B_06 Datasheet
870Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com