Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25ZLH470MEFC10X12.5 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 25ZLH470MEFC10X12.5
Description  105??Miniaturized, Long Life, Low impedance.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

25ZLH470MEFC10X12.5 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  25ZLH470MEFC10X12.5 Datasheet HTML 1Page - RUBYCON CORPORATION 25ZLH470MEFC10X12.5 Datasheet HTML 2Page - RUBYCON CORPORATION 25ZLH470MEFC10X12.5 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLH
SERIES
ZLH
◆SPECIFICATIONS
Items
Characteristics
−40∼+105℃
6.3∼100V.DC
±20%
(20℃,
120Hz)
I=0.01CV or 3μA whichever is greater.(After 2 minutes)
I=Leakage Current(μA)     C=Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
80
0.08
100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value. (6.3v,10v : ±30%)
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below at 105℃, the capacitors shall meet the following requirements.
When capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃,
120Hz)
(120Hz)
105℃ Miniaturized, Long Life, Low impedance.
◆FEATURES
Achieved endurance improvement and miniaturization of ZL series, as well as high
frequency impedance reduction.
Load Life : 105℃ 6000∼10000 hours.
RoHS compliance.
Case Size
Life Time
(hrs)
φD≦ 6.3
6000
φD=
8
8000
φD≧ 10
10000
Rated Voltage
(V)
Z
(−40℃)
/Z
(20℃)
Z
(−25℃)
/Z
(20℃)
3
6.3
3
10
3
16
3
25
3
35
22222
3
50
2
3
63
2
3
80
2
3
100
2
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency Coefficient
◆PART NUMBER
□□□
Rated Voltage
ZLH
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
M
Capacitance Tolerance
(mm)
◆DIMENSIONS
◆OPTION
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Frequency
(Hz)
120
1k
10k
100k≦
Coefficient
0.50
0.73
0.92
1.00
0.42
0.70
0.90
1.00
8.2∼33μF
0.55
0.77
0.94
1.00
47∼270μF
0.60
0.80
0.96
1.00
330∼680μF
820∼1800μF
0.70
0.85
0.98
1.00
2200∼8200μF
φD
φd
F
α
5
0.5
2.0
6.3
2.5
8
3.5
L≦16 : α=1.5 L≧20 : α=2.0
10
0.6
5.0
12.5 16
18
0.8
7.5
PET Sleeve
Code
EFC
L+α MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE(PET)


Similar Part No. - 25ZLH470MEFC10X12.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
25ZLH470MEFC8X16 RUBYCON-25ZLH470MEFC8X16 Datasheet
182Kb / 3P
   RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 25ZLH470MEFC10X12.5

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35ZLH330MEFC10X12.5 RUBYCON-35ZLH330MEFC10X12.5 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
35ZLH470MEFC10X16 RUBYCON-35ZLH470MEFC10X16 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
25ZLH150MEFCT16.3X11 RUBYCON-25ZLH150MEFCT16.3X11 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
25ZLH330MEFC8X11.5 RUBYCON-25ZLH330MEFC8X11.5 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
100ZLH100MEFC10X20 RUBYCON-100ZLH100MEFC10X20 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
25ZLH150MEFC6.3X11 RUBYCON-25ZLH150MEFC6.3X11 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
35ZLH100MEFC6.3X11 RUBYCON-35ZLH100MEFC6.3X11 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
35ZLH220MEFC8X11.5 RUBYCON-35ZLH220MEFC8X11.5 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
16ZLH1000MT810X16 RUBYCON-16ZLH1000MT810X16 Datasheet
270Kb / 3P
   105??Miniaturized, Long Life, Low impedance.
80ZLJ470M16X25 RUBYCON-80ZLJ470M16X25 Datasheet
251Kb / 3P
   105??Miniaturized, Long Life, Low impedance, High ripple.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com