Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTT02N450HV Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTT02N450HV
Description  High Voltage Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTT02N450HV Datasheet(HTML) 1 Page - IXYS Corporation

  IXTT02N450HV Datasheet HTML 1Page - IXYS Corporation IXTT02N450HV Datasheet HTML 2Page - IXYS Corporation IXTT02N450HV Datasheet HTML 3Page - IXYS Corporation IXTT02N450HV Datasheet HTML 4Page - IXYS Corporation IXTT02N450HV Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
DS100498(10/12)
High Voltage
Power MOSFETs
N-Channel Enhancement Mode
Features
High Blocking Voltage
High Voltage Packages
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High Voltage Power Supplies
Capacitor Discharge Applications
Pulse Circuits
Laser and X-Ray Generation Systems
IXTA02N450HV
IXTT02N450HV
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
4500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
4500
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
200
mA
I
DM
T
C = 25°C, Pulse Width Limited by TJM
600
mA
P
D
T
C = 25°C
113
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10 seconds
260
°C
F
C
Mounting Force (TO-263)
10..65 / 22..14.6
N/lb
Weight
TO-263
2.5
g
TO-268
4.0
g
V
DSS
= 4500V
I
D25
= 200mA
R
DS(on)
≤≤≤≤≤ 750
Ω
Ω
Ω
Ω
Ω
Advance Technical Information
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
GS(th)
V
DS = VGS, ID = 250μA
4.0
6.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = 3.6kV, VGS = 0V
5
μA
V
DS = 4.5kV
10 μA
V
DS = 3.6kV
T
J = 100°C
25
μA
R
DS(on)
V
GS = 10V, ID = 10mA, Note 1
750
Ω
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-268 (IXTT)
G
D (Tab)
G
S
TO-263 (IXTA)
D (Tab)
S


Similar Part No. - IXTT02N450HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTT100N25P IXYS-IXTT100N25P Datasheet
613Kb / 5P
   PolarHT Power MOSFET N-Channel Enhancement Mode
IXTT10N100D IXYS-IXTT10N100D Datasheet
129Kb / 5P
   N-Channel, Depletion Mode
IXTT10N100D2 IXYS-IXTT10N100D2 Datasheet
165Kb / 5P
   Depletion Mode MOSFET
IXTT10P50 IXYS-IXTT10P50 Datasheet
123Kb / 2P
   Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated
IXTT10P60 IXYS-IXTT10P60 Datasheet
134Kb / 5P
   Power MOSFETs
More results

Similar Description - IXTT02N450HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA3N120 IXYS-IXTA3N120 Datasheet
102Kb / 4P
   High Voltage Power MOSFETs
IXTH3N120 IXYS-IXTH3N120 Datasheet
145Kb / 4P
   High Voltage Power MOSFETs
IXTH6N150 IXYS-IXTH6N150 Datasheet
135Kb / 5P
   High Voltage Power MOSFETs
IXTH02N250 IXYS-IXTH02N250 Datasheet
244Kb / 5P
   High Voltage Power MOSFETs
IXTV03N400S IXYS-IXTV03N400S Datasheet
193Kb / 4P
   High Voltage Power MOSFETs
IXTP3N120 IXYS-IXTP3N120 Datasheet
562Kb / 4P
   High Voltage Power MOSFETs
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com