Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL97687IRTZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL97687IRTZ-T
Description  4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97687IRTZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL97687IRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL97687IRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL97687IRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL97687IRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL97687IRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL97687IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL97687IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL97687IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL97687IRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
4-Channel LED Driver with Phase Shift Control and
10-Bit Dimming Resolution
ISL97687
The ISL97687 is a PWM controlled LED driver that supports
4 channels of LED current, for Monitor and TV LCD backlight
applications. It is capable of driving 160mA per channel from a
9V to 32V input supply, with current sources rated up to 75V
absolute maximum.
The ISL97687’s current sources achieve typical current matching
to ±1%, while dynamically maintaining the minimum required
VOUT necessary for regulation. This adaptive scheme
compensates for the non-uniformity of forward voltage variance
in the LED strings.
The ISL97687 can decode both an incoming PWM signal and an
analog input voltage, for DC-to-PWM dimming applications.
Modes include direct PWM and several modes where the PWM
frequency is synthesized on chip at 10-bit resolution. This can be
either free running, or synchronized with the frame rate to give
both a frequency and a phase lock, minimizing panel to panel
variation and display flicker. Phase shift is supported, reducing
flicker and audio noise, as is multiplication of the incoming
decoded analog and PWM values.
The ISL97687 has an advanced dynamic headroom control
function, which monitors the highest LED forward voltage string,
and regulates the output to the correct level to minimize power
loss. This proprietary regulation scheme also allows for
extremely linear PWM dimming from 0.02% to 100%. The LED
current can also be switched between two current levels, giving
support for 3D applications. The ISL97687 incorporates
extensive protections of string open and short circuit detections,
OVP, and OTP.
Features
• 4x160mA, 75V rated channels with integrated channel
regulation FETs
• Channels can be ganged for high current
-2x350mA
-1x700mA
• 9V~32V input voltage
•Dimming modes:
- Direct PWM dimming from 100Hz~30kHz
- PWM dimming with adjustable output frequency
- 10-bit dimming resolution
-VSYNC function to synchronize PWM signal to frame rate
- Phase shift
- Analog to PWM dimming with 8-bit resolution
• 2 selectable current levels for 3D applications
•Current matching of ±1%
• Integrated fault protection features such as string open circuit
protection, string short circuit protection, overvoltage
protection, and over-temperature protection
• 28 Ld 5mmx5mm TQFN and 28 Ld 300mil SOIC Packages
Available
Applications
• Monitor/TV LED Backlighting
• General/Industrial/Automotive Lighting
Related Literature
• See AN1674 for “ISL97687IRTZ-HEVALZ and ISL97687IRTZ-
LEVALZ Evaluation Board User Guide” for TQFN Application
• See AN1706 for “ISL97687IBZ-EVAL1Z Evaluation Board User
Guide” for SOIC Application
FIGURE 1. ISL97687 APPLICATION DIAGRAM
FIGURE 2. PWM DIMMING LINEARITY
PWMI
EN_ADIM
OSC
GD
PWM_SET/PLL
EN
OVP
VIN
STV
VLOGIC
VDC
EN_VSYNC
D1
CS
CH1
CH2
CH3
CH4
CSEL
ISET2
EN_PS
COMP
FUSE
ACTL
PGND
SLEW
VIN: 9V~32V
160mA MAX PER STRING
Q1
RSENSE
ISET1
0
10
20
30
40
50
60
70
80
90
100
110
0
20
40
60
80
100
DIMMING DUTY CYCLE (%)
I_CH2
I_CH1
I_CH3
I_CH4
September 27, 2012
FN7714.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2011, 2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL97687IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687IRTZ-HEVALZ INTERSIL-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-HEVALZ INTERSIL-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
logo
Renesas Technology Corp
ISL97687IRTZ-HEVALZ RENESAS-ISL97687IRTZ-HEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97687IRTZ-LEVALZ INTERSIL-ISL97687IRTZ-LEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ-LEVALZ INTERSIL-ISL97687IRTZ-LEVALZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
More results

Similar Description - ISL97687IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Renesas Technology Corp
ISL97687 RENESAS-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
logo
Intersil Corporation
ISL97675 INTERSIL-ISL97675 Datasheet
550Kb / 20P
   4-Channel LED Driver with Phase Shift Control
logo
Renesas Technology Corp
ISL97675 RENESAS-ISL97675 Datasheet
982Kb / 21P
   4-Channel LED Driver with Phase Shift Control
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
logo
Intersil Corporation
ISL97673IRZ INTERSIL-ISL97673IRZ Datasheet
724Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
October 5, 2012
ISL97673 INTERSIL-ISL97673_10 Datasheet
578Kb / 27P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
ISL78171ARZ INTERSIL-ISL78171ARZ Datasheet
931Kb / 29P
   6-Channel, 50mA Automotive LED Driver with Ultra-high Dimming Ratio and Phase Shift Control
June 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com