Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD82559C Datasheet(PDF) 20 Page - Intel Corporation

Part # GD82559C
Description  Intel-Based Electronic Classroom Student Computing Station Based on the Intel짰 Celeron??Processor and Intel짰 810 Chipset
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

GD82559C Datasheet(HTML) 20 Page - Intel Corporation

Back Button GD82559C Datasheet HTML 16Page - Intel Corporation GD82559C Datasheet HTML 17Page - Intel Corporation GD82559C Datasheet HTML 18Page - Intel Corporation GD82559C Datasheet HTML 19Page - Intel Corporation GD82559C Datasheet HTML 20Page - Intel Corporation GD82559C Datasheet HTML 21Page - Intel Corporation GD82559C Datasheet HTML 22Page - Intel Corporation GD82559C Datasheet HTML 23Page - Intel Corporation GD82559C Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
Intel-Based Electronic Classroom Student Computing Station
20
Application Note
The key factors in controlling trace EMI radiation are the trace length and the ratio of trace-width
to trace-height above the ground plane. To minimize trace inductance, high-speed signals, such as
the clock, and signal layers that are close to a ground plane or power plane should be as short and
as wide as is practical. As shown in Figure 5, this ratio is ideally somewhere between 1:1 and 3:1.
To maintain the impedance of a trace, the width of the trace should be modified when changing
from one board layer to another if the two layers are not equidistant from a power or ground plane.
Figure 4.
Placement of Termination Resistor
A7495-01
82559
Magnetics
Module
RJ-45
R
R
Place termination resistors
as close to the 82559 as possible.
Figure 5.
Trace Geometry
NOTE: W= Trace Width, H= Height Above Ground Plane
A7496-01
Ground
H
W
W
H
1 <
< 3


Similar Part No. - GD82559C

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
GD82559ER INTEL-GD82559ER Datasheet
662Kb / 94P
   PCI Controller
More results

Similar Description - GD82559C

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-782 ADVANTECH-AIMB-782 Datasheet
2Mb / 2P
   3rd generation Intel짰 Core??processor-based platform
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
BD82HM55QMNT INTEL-BD82HM55QMNT Datasheet
6Mb / 934P
   Intel짰 5 Series Chipset and Intel짰 3400 Series Chipset
BD82HM65 INTEL-BD82HM65 Datasheet
4Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 C200 Series Chipset
logo
Adlink Technology Inc.
Q7-BW ADLINK-Q7-BW Datasheet
251Kb / 4P
   Intel짰 Pentium and Celeron Processor N3000 Series System-on-Chip
logo
Intel Corporation
BD82HM55-SLGZS INTEL-BD82HM55-SLGZS Datasheet
9Mb / 956P
   Intel짰 5 Series Chipset and Intel짰 3400 Series Chipset
945GME INTEL-945GME Datasheet
156Kb / 2P
   Mobile Intel짰 945GME Express Chipset for Embedded Computing
945GSE INTEL-945GSE Datasheet
208Kb / 2P
   Mobile Intel짰 945GSE Express Chipset for Embedded Computing
915GME INTEL-915GME Datasheet
408Kb / 2P
   Mobile Intel짰 915GME Express Chipset for Embedded Computing
910GMLE INTEL-910GMLE Datasheet
708Kb / 2P
   Mobile Intel짰 910GMLE Express Chipset for Embedded Computing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com