Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF1206H5.5 Datasheet(PDF) 4 Page - Protek Devices

Part # PF1206H5.5
Description  HIGH INRUSH fus es
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF1206H5.5 Datasheet(HTML) 4 Page - Protek Devices

  PF1206H5.5 Datasheet HTML 1Page - Protek Devices PF1206H5.5 Datasheet HTML 2Page - Protek Devices PF1206H5.5 Datasheet HTML 3Page - Protek Devices PF1206H5.5 Datasheet HTML 4Page - Protek Devices PF1206H5.5 Datasheet HTML 5Page - Protek Devices PF1206H5.5 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05423.R0 6/13
Page 4
PF1206H Series
PackaGe oUtlINe aND PaD layoUt INFoRMatIoN
3.2±0.2mm
1.6±0.2mm
0.55±0.2mm
0.5±0.25mm
2.5mm
1.0mm
1.8mm


Similar Part No. - PF1206H5.5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF1206H PROTEC-PF1206H_15 Datasheet
482Kb / 6P
   HIGH INRUSH FUSES
More results

Similar Description - PF1206H5.5

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF0603H PROTEC-PF0603H Datasheet
474Kb / 6P
   HIGH INRUSH fus es
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Protek Devices
PF1206H PROTEC-PF1206H_15 Datasheet
482Kb / 6P
   HIGH INRUSH FUSES
PF0603H PROTEC-PF0603H_15 Datasheet
477Kb / 6P
   HIGH INRUSH FUSES
logo
Copal Electronics
ELE120AY-3-Z COPAL-ELE120AY-3-Z Datasheet
224Kb / 2P
   High Inrush Lever Switches
logo
Schurter Inc.
FIZ SCHURTER-FIZ_V02 Datasheet
201Kb / 2P
   Insulation Cover for FIZ, FUL,FUS
04.01.2022
logo
Copal Electronics
SL220SD-15-Z COPAL-SL220SD-15-Z Datasheet
175Kb / 1P
   High Inrush Lever Switches
logo
Bourns Electronic Solut...
SF-2410HI-T BOURNS-SF-2410HI-T Datasheet
533Kb / 7P
   High Inrush SMD Fuses
SF-1206HIXXXM BOURNS-SF-1206HIXXXM_19 Datasheet
383Kb / 6P
   High Inrush Multilayer Surface Mount Fuses
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com