Electronic Components Datasheet Search |
|
RL2512FK-070R47L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
RL2512FK-070R47L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 9 page Chip Resistor Surface Mount www.yageo.com Apr 26, 2012 V.6 Product specification 7 7 SERIES RL 0402 to 2512 TESTS AND REQUIREMENTS TEST TEST METHOD PROCEDURE REQUIREMENTS Life/ Endurance IEC 60115-1 4.25.1 1,000 hours at 70±2°C applied RCWV 1.5 hours on, 0.5 hour off, still air required ±2% High Temperature Exposure/ Endurance at upper category temperature IEC 60068-2-2 1,000 hours at maximum operating temperature depending on specification, unpowered No direct impingement of forced air to the parts Tolerances: 125±5 °C ±1% Moisture Resistance MIL-STD-202 Method 106 Each temperature / humidity cycle is defined at 8 hours, 3 cycles / 24 hours for 10d with 25 °C / 65 °C 95% R.H, without steps 7a & 7b, unpowered Parts mounted on test-boards, without condensation on parts ±2% Thermal Shock MIL-STD-202 Method 107 -55/+125 °C Number of cycles required is 300. Maximum transfer time is 20 seconds. Dwell time is 15 minutes. ±1% Short time overload IEC60115-1 4.13 2.5 times RCWV or maximum overload voltage whichever is less for 5 sec at room temperature ±2% No visible damage Board Flex/ Bending IEC 60068-2-21 Device mounted on PCB test board as described, only 1 board bending required 3 mm bending Bending time: 60±5 seconds Ohmic value checked during bending ±1% No visible damage Table 4 Test condition, procedure and requirements |
Similar Part No. - RL2512FK-070R47L |
|
Similar Description - RL2512FK-070R47L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |