Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16930 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16930
Description  2MHz, 36V, Dual Buck with Preboost and 20μA Quiescent Current
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16930 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16930 Datasheet HTML 4Page - Maxim Integrated Products MAX16930 Datasheet HTML 5Page - Maxim Integrated Products MAX16930 Datasheet HTML 6Page - Maxim Integrated Products MAX16930 Datasheet HTML 7Page - Maxim Integrated Products MAX16930 Datasheet HTML 8Page - Maxim Integrated Products MAX16930 Datasheet HTML 9Page - Maxim Integrated Products MAX16930 Datasheet HTML 10Page - Maxim Integrated Products MAX16930 Datasheet HTML 11Page - Maxim Integrated Products MAX16930 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MAX16930/MAX16931
2MHz, 36V, Dual Buck with Preboost and
20µA Quiescent Current
8
Maxim Integrated
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
OUTPUT OVERVOLTAGE RESPONSE
MAX16930 toc17
1s/div
VPGOOD1
2V/div
VOUT1
1V/div
BUCK 2 LOAD REGULATION
IOUT_ (A)
5
4
1
2
3
3.290
3.291
3.293
3.292
3.294
3.296
3.295
3.297
3.289
0
6
VFSYNC = VBIAS
FB2 LINE REGULATION
VSUP (V)
25
20
15
10
5
0.995
1.000
1.005
1.010
0.990
0
40
30 35
VOUT1 = 1.8V
BUCK 1 LOAD REGULATION
IOUT_ (A)
5
4
1
2
3
4.990
4.991
4.992
4.994
4.993
4.995
4.997
4.996
4.998
4.989
0
6
VFSYNC = VBIAS
VOUT_ vs. TEMPERATURE
TEMPERATURE (ºC)
60
40
20
-20 0
-40
99.75
99.80
99.85
99.90
99.95
100.00
100.05
100.10
99.70
-60
140
80 100 120
VOUT2
VOUT1
EXTVCC = VGND
VFSYNC = VBIAS
IOUT_ =0A
MINIMUM ON-TIME (BUCK 1)
MAX16930 toc23
200ns/div
VBAT
5V/div
VOUT1
1V/div
IOUT1 = 300mA
FB1 LINE REGULATION
VSUP (V)
25
20
15
10
5
0.995
1.000
1.005
1.010
0.990
0
40
30 35
VOUT1 =1.8V


Similar Part No. - MAX16930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1693-MAX1694 MAXIM-MAX1693-MAX1694 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
   2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX16932 MAXIM-MAX16932 Datasheet
580Kb / 11P
   fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
MAX16932EVKIT MAXIM-MAX16932EVKIT Datasheet
580Kb / 11P
   fully assembled and tested application circuit for the MAX16932 highvoltage
Rev 0; 9/13
More results

Similar Description - MAX16930

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16932 MAXIM-MAX16932 Datasheet
1Mb / 24P
   2.2MHz, 36V, Dual Buck with 20μA Quiescent Current
Rev 2; 2/14
MAX17230 MAXIM-MAX17230 Datasheet
1Mb / 29P
   2V–36V, Synchronous Dual Buck Controller with Integrated Boost and 20μA Quiescent Current
MAX20034 MAXIM-MAX20034 Datasheet
2Mb / 24P
   Automotive High-Efficiency 2.2MHz, 36V, Dual Buck Controller with 17μA Quiescent Current
Rev 3; 8/19
logo
Analog Devices
MAX42408 AD-MAX42408 Datasheet
954Kb / 19P
   36V, 8A/10A Fully Integrated Buck Converter with 10μA Quiescent Current and Dual-Phase Capability
19-101749; Rev 0; 11/23
logo
Dialog Semiconductor
DA9231 DIALOG-DA9231 Datasheet
2Mb / 55P
   Ultra-Low Quiescent Current Buck and LDO
logo
Renesas Technology Corp
DA9231 RENESAS-DA9231 Datasheet
2Mb / 57P
   Ultra-Low Quiescent Current Buck and LDO
25-Feb-2022
logo
Linear Technology
LT3971-5 LINER-LT3971-5_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971-3.3 LINER-LT3971-3.3_15 Datasheet
633Kb / 28P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8A Quiescent Current
LT3971A LINER-LT3971A_15 Datasheet
357Kb / 24P
   38V, 1.3A, 2MHz Step-Down Regulator with 2.2A Quiescent Current
LT3971 LINER-LT3971 Datasheet
311Kb / 24P
   38V, 1.2A, 2MHz Step-Down Regulator with 2.8 Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com