Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF19N20 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQPF19N20
Description  200V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQPF19N20 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQPF19N20 Datasheet HTML 1Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 2Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 3Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 4Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 5Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 6Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 7Page - Fairchild Semiconductor FQPF19N20 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
  
 



















 
 

   












 





  

























 

   














 
 
 

 


   













  

 

 


 
! "#$





   










 
 
 


 !  
    
    
   
    
 !  
  "
#$  
%# &  
'  


Similar Part No. - FQPF19N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQPF19N20 ISC-FQPF19N20 Datasheet
278Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF19N20C FAIRCHILD-FQPF19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF19N20C ISC-FQPF19N20C Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF19N20L FAIRCHILD-FQPF19N20L Datasheet
712Kb / 8P
   200V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF19N20L ISC-FQPF19N20L Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQPF19N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com