Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN3N5D80 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN3N5D80
Description  Inductance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN3N5D80 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

  LQW15AN3N5D80 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN3N5D80 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN3N5D80 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN3N5D80 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW15AN3N5D80 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQW15AN3N5D80 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQW15AN3N5D80 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
6
RF Inductors (Coils)
2013.7.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Inductance
test frequency
Rated current
Max. of DC resistance
Q (min.)
Q test frequency
Self resonance
frequency (min.)
LQW15AN36NG80
p
36nH
±2%
100MHz
540mA
0.431
Ω
30
250MHz
3.5GHz
LQW15AN36NJ80
p
36nH
±5%
100MHz
540mA
0.431
Ω
30
250MHz
3.5GHz
LQW15AN39NG80
p
39nH
±2%
100MHz
530mA
0.456
Ω
28
250MHz
3.4GHz
LQW15AN39NJ80
p
39nH
±5%
100MHz
530mA
0.456
Ω
28
250MHz
3.4GHz
LQW15AN43NG80
p
43nH
±2%
100MHz
515mA
0.516
Ω
30
250MHz
3.4GHz
LQW15AN43NJ80
p
43nH
±5%
100MHz
515mA
0.516
Ω
30
250MHz
3.4GHz
LQW15AN47NG80
p
47nH
±2%
100MHz
440mA
0.648
Ω
25
250MHz
3.2GHz
LQW15AN47NJ80
p
47nH
±5%
100MHz
440mA
0.648
Ω
25
250MHz
3.2GHz
LQW15AN53NG80
p
53nH
±2%
100MHz
415mA
0.696
Ω
25
200MHz
2.9GHz
LQW15AN53NJ80
p
53nH
±5%
100MHz
415mA
0.696
Ω
25
200MHz
2.9GHz
LQW15AN56NG80
p
56nH
±2%
100MHz
340mA
0.996
Ω
25
200MHz
2.9GHz
LQW15AN56NJ80
p
56nH
±5%
100MHz
340mA
0.996
Ω
25
200MHz
2.9GHz
LQW15AN75NG80
p
75nH
±2%
100MHz
320mA
1.224
Ω
25
200MHz
2.4GHz
LQW15AN75NJ80
p
75nH
±5%
100MHz
320mA
1.224
Ω
25
200MHz
2.4GHz
Operating temperature range (Self-temperature rise is not included): -55
∼125℃
Only for reflow soldering.
c Derating of Rated Current
In operating temperature exceeding +85°C, derating of
current is necessary for LQW15A_80 series.
Please apply the derating curve shown in chart according to
the operating temperature.
Derating of Rated Current
100
50
0
125
85
0
Operating Temperature (°C)
c Q-Frequency characteristics (Typ.)
0
60
100
160
20
40
80
120
180
140
200
1
10
100
1000
10000
Frequency (MHz)
1.3nH
5.6nH
3.6nH
27nH
10nH
43nH
75nH
c Inductance-Frequency characteristics (Typ.)
Frequency (MHz)
1
10
100
1000
1
1000
100
10
10000
75nH
43nH
27nH
10nH
5.6nH
3.6nH
1.3nH
Continued on the following page.


Similar Part No. - LQW15AN3N5D80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN3N5D80 MURATA-LQW15AN3N5D80 Datasheet
80Kb / 2P
   Inductance
LQW15AN3N5D80B MURATA-LQW15AN3N5D80B Datasheet
80Kb / 2P
   Inductance
LQW15AN3N5D80D MURATA-LQW15AN3N5D80D Datasheet
80Kb / 2P
   Inductance
More results

Similar Description - LQW15AN3N5D80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com