Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0805KRX7R9BB221 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CC0805KRX7R9BB221
Description  This specification describes X7R series chip capacitors with lead-free terminations
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC0805KRX7R9BB221 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CC0805KRX7R9BB221 Datasheet HTML 1Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 2Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 3Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 4Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 5Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 6Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 7Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 8Page - List of Unclassifed Manufacturers CC0805KRX7R9BB221 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.yageo.com
Oct 13, 2011 V.8
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
2
20
Product specification
X7R
SCOPE
This specification describes X7R
series chip capacitors with lead-
free terminations.
APPLICATIONS
PCs, Hard disk, Game PCs
DVDs, Video cameras
Mobile phones
Data processing
FEATURES
Supplied in tape on reel
Nickel-barrier end termination
RoHS compliant
Halogen Free compliant
ORDERING INFORMATION-GLOBAL PART NUMBER, PHYCOMP
CTC & 12NC
All part numbers are identified by the series, size, tolerance, TC material,
packing style, voltage, process code, termination and capacitance value.
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
CC XXXX X X X7R X BB XXX
(1)
(2) (3)
(4)
(5)
(1) SIZE – INCH BASED (METRIC)
0201 (0603)
0402 (1005)
0603 (1608)
0805 (2012)
1206 (3216)
1210 (3225)
1812 (4532)
(2) TOLERANCE
J = ±5% (1)
K = ±10%
M = ±20%
(3) PACKING STYLE
R = Paper/PE taping reel; Reel 7 inch
K = Blister taping reel; Reel 7 inch
P = Paper/PE taping reel; Reel 13 inch
F = Blister taping reel; Reel 13 inch
C = Bulk case
(4) RATED VOLTAGE
5 = 6.3 V
6 = 10 V
7 = 16 V
8 = 25 V
9 = 50 V
(5) CAPACITANCE VALUE
2 significant digits+number of zeros
The 3rd digit signifies the multiplying factor, and letter R is decimal point
Example: 103 = 10 x 103 = 10,000 pF = 10 nF
NOTE
1. Tolerance ±5% is not available for full product range, please contact local sales force
before ordering


Similar Part No. - CC0805KRX7R9BB221

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC0805KRX7R9BB102 YAGEO-CC0805KRX7R9BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
Dialog Semiconductor
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
474Kb / 6P
   Evaluation Board for 10W Single-Output Switch-Mode Power Supply
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
482Kb / 7P
   Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
CC0805KRX7R9BB104 DIALOG-CC0805KRX7R9BB104 Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
logo
Diodes Incorporated
CC0805KRX7R9BB104 DIODES-CC0805KRX7R9BB104 Datasheet
910Kb / 13P
   Quad-Channel Current-Ratio-Optimized LED Driver with Analog and PWM Dimming
More results

Similar Description - CC0805KRX7R9BB221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC0603JPNPO9BN270 ETC2-CC0603JPNPO9BN270 Datasheet
792Kb / 16P
   This specification describes NP0 series chip capacitors with lead-free terminations
CC1206JRNPOBBN471 ETC2-CC1206JRNPOBBN471 Datasheet
395Kb / 15P
   This specification describes NP0series ship capacitors with lead-free terminations.
CC0805ZKY5V6BB106 ETC2-CC0805ZKY5V6BB106 Datasheet
360Kb / 14P
   This cpecification describes Y5V series chip catacitors with lead-free terminations.
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-075R6L ETC2-RC1206JR-075R6L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-073K4L ETC2-RC0805FR-073K4L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-0710KL ETC2-RC0805FR-0710KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC1206FR-0722KL ETC2-RC1206FR-0722KL Datasheet
433Kb / 9P
   This specification describes SCI206 series chip resistors with lead-free terminations made by thick film process
RC0402FR-073KL ETC2-RC0402FR-073KL Datasheet
309Kb / 9P
   This specification describes RC0402 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com