Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LT8697 Datasheet(PDF) 24 Page - Linear Dimensions Semiconductor

Part No. LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Homepage  http://www.lineardimensions.com
Logo 

LT8697 Datasheet(HTML) 24 Page - Linear Dimensions Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT8697
24
8697p
For more information www.linear.com/LT8697
Typical applicaTions
5V Step-Down Converter with Cable Drop Compensation for
Copper Cabling Over Wide Temperature Range
Temperature Correction for Cable Drop Compensation
Through Copper Cabling
EN/UV
PG
INTVCC
ICTRL
SYNC
TR/SS
RT
SW
SYS
ISP
ISN
USB5V
RCBL
VIN
VIN
BST
L
10µH
RSENSE
0.02Ω
GND
LT8697
CVCC
1µF
CSS
10nF
fSW = 700kHz FOR
VIN = 7V TO 27V
RT
56.2k
PGND
CIN
10µF
CBST
0.1µF
COUT
100µF
CCDC
1nF
RCBL2
10k
RNTC
10k
RCBL1
10k
0.13Ω
4 METERS AWG20
TWISTED PAIR CABLE
0.13Ω
RCDC
10k
VOUT
8697 TA02
VLOAD
5V
2.1A
+
CIN : X7R OR X5R
COUT: 1210 CASE SIZE, X7R OR X5R
CVCC: X7R OR X5R
CBST: X7R OR X5R
L: WÜRTH 74437368100
RNTC: MURATA NCP21XV103J03RA
VIN(MAX) = 42V
VIN(MIN) = 5.8V AT 1A ILOAD
6.6V AT 2.1A ILOAD
TEMPERATURE (°C)
–50
5.2
5.4
150
8697 TA02b
5.0
4.8
0
50
100
5.8
VLOAD
VOUT
5.6
ILOAD = 2.1A
CABLE = 4 METERS AWG
20 TWISTED-PAIR COPPER


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn