Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP102AIDRLR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMP102AIDRLR
Description  Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP102AIDRLR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP102AIDRLR Datasheet HTML 4Page - Texas Instruments TMP102AIDRLR Datasheet HTML 5Page - Texas Instruments TMP102AIDRLR Datasheet HTML 6Page - Texas Instruments TMP102AIDRLR Datasheet HTML 7Page - Texas Instruments TMP102AIDRLR Datasheet HTML 8Page - Texas Instruments TMP102AIDRLR Datasheet HTML 9Page - Texas Instruments TMP102AIDRLR Datasheet HTML 10Page - Texas Instruments TMP102AIDRLR Datasheet HTML 11Page - Texas Instruments TMP102AIDRLR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Measured
Temperature
T
HIGH
T
LOW
Device
ALERTPIN
(ComparatorMode)
POL=0
Device
ALERTPIN
(InterruptMode)
POL=0
Device
ALERTPIN
(ComparatorMode)
POL=1
Device
ALERTPIN
(InterruptMode)
POL=1
Read
Read
Time
Read
Startup
Startof
Conversion
Delay
(1)
26ms
26ms
TMP102
SBOS397C – AUGUST 2007 – REVISED OCTOBER 2012
www.ti.com
After power-up or general-call reset, the TMP102
immediately
starts
a
conversion,
as
shown
in
Figure 9. The first result is available after 26ms
(typical).
The
active
quiescent
current
during
conversion is 40
μA (typical at +27°C). The quiescent
current during delay is 2.2
μA (typical at +27°C).
(1)
Delay is set by CR1 and CR0.
Figure 9. Conversion Start
SHUTDOWN MODE (SD)
The Shutdown mode bit saves maximum power by
shutting down all device circuitry other than the serial
Figure 10. Output Transfer Function Diagrams
interface, reducing current consumption to typically
less than 0.5
μA. Shutdown mode is enabled when
the SD bit is '1'; the device shuts down when current
FAULT QUEUE (F1/F0)
conversion is completed. When SD is equal to '0', the
A
fault
condition
exists
when
the
measured
device maintains a continuous conversion state.
temperature exceeds the user-defined limits set in the
THIGH and TLOW registers. Additionally, the number of
THERMOSTAT MODE (TM)
fault conditions required to generate an alert may be
programmed using the fault queue. The fault queue is
The Thermostat mode bit indicates to the device
provided to prevent a false alert as a result of
whether to operate in Comparator mode (TM = 0) or
environmental
noise.
The
fault
queue
requires
Interrupt mode (TM = 1). For more information on
consecutive fault measurements in order to trigger
comparator and interrupt modes, see the High- and
the alert function. Table 9 defines the number of
Low-Limit Registers section.
measured faults that may be programmed to trigger
an alert condition in the device. For THIGH and TLOW
POLARITY (POL)
register format and byte order, see the High- and
The Polarity bit allows the user to adjust the polarity
Low-Limit Registers section.
of the ALERT pin output. If POL = 0, the ALERT pin
will be active low, as shown in Figure 10. For POL =
Table 9. TMP102 Fault Settings
1, the ALERT pin will be active high, and the state of
F1
F0
CONSECUTIVE FAULTS
the ALERT pin is inverted.
0
0
1
0
1
2
1
0
4
1
1
6
8
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: TMP102


Similar Part No. - TMP102AIDRLR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102AIDRLR BURR-BROWN-TMP102AIDRLR Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102AIDRLR TI-TMP102AIDRLR Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP102AIDRLR TI1-TMP102AIDRLR Datasheet
958Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor
TMP102AIDRLR TI1-TMP102AIDRLR Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
logo
Guangdong Youtai Semico...
TMP102AIDRLR UMW-TMP102AIDRLR Datasheet
1Mb / 19P
   Product number: UMW TMP102AIDRLRS、UMW TMP102AIDRLRD
More results

Similar Description - TMP102AIDRLR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP102 BURR-BROWN-TMP102 Datasheet
328Kb / 19P
   Low Power Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
logo
Texas Instruments
TMP102 TI1-TMP102_17 Datasheet
955Kb / 30P
[Old version datasheet]   Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102_15 Datasheet
891Kb / 30P
[Old version datasheet]   TMP102 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP102-Q1 TI-TMP102-Q1 Datasheet
854Kb / 29P
[Old version datasheet]   TMP102-Q1 Low-Power Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP102 TI-TMP102 Datasheet
452Kb / 19P
[Old version datasheet]   Low Power Digital Temperature Sensor With SMBusTM,Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP108 TI-TMP108_15 Datasheet
771Kb / 21P
[Old version datasheet]   Low Power Digital Temperature Sensor With Two-Wire Serial Interface in WCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com