Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SNAU136 Datasheet(PDF) 12 Page - Texas Instruments

Part No. SNAU136
Description  The Texas Instruments LMX2581EVM evaluation module (EVM) helps designers evaluate the operation and performance of the LMX2581 Wideband Frequency Synthesizer.
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SNAU136 Datasheet(HTML) 12 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
LMX2581EVM User’s Guide
November 2012
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Offset (Hz)
Phase Noise vs. VCO Frequency
Fvco=2100 MHz
Fvco=2400 MHz
Fvco = 2700 MHz
Fvco = 3000 MHz
Fvco = 3400 MHz
Fvco = 3700 MHz
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
Offset (Hz)
Impact of Divide for Fvco = 2700 MHz
No Divide
Divide=2
Divide=4
Divide=6
Divide=8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn