Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX481EEPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX481EEPA
Description  ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481EEPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX481EEPA Datasheet HTML 1Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 2Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 3Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 4Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 5Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 6Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 7Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 8Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
SWITCHING CHARACTERISTICS—MAX481E/MAX485E, MAX490E/MAX491E, MAX1487E
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
mA
795
0V
≤ VO ≤ VCC
IOSR
Receiver Short-Circuit Current
mA
35
250
-7V
≤ VO ≤12V (Note 4)
IOSD2
Driver Short-Circuit Current,
VO = Low
mA
35
250
-7V
≤ VO ≤12V (Note 4)
IOSD1
Driver Short-Circuit Current,
VO = High
MAX1487E,
R
E
= 0V or VCC
250
400
350
650
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
230
400
300
500
MAX481E/MAX485E,
R
E
= 0V or VCC
500
900
MAX490E/MAX491E,
DE, DI,
R
E
= 0V or VCC
300
500
MAX488E/MAX489E,
DE, DI,
R
E
= 0V or VCC
120
250
DE = VCC
300
500
DE = 0V
DE = VCC
DE = 0V
µA
MAX481E/483E/487E, DE = 0V,
R
E
= VCC
0.5
10
ISHDN
Supply Current in Shutdown
120
250
ICC
No-Load Supply Current
(Note 3)
DE = VCC
DE = 0V
MAX483E
MAX487E
MAX483E/MAX487E,
R
E
= 0V or VCC
µA
520
25
MAX490EC/E, MAX491EC/E
MAX481E,MAX485E,MAX1487E
Driver Rise or Fall Time
tR, tF
320
40
Figures 10 and 12,
RDIFF = 54
Ω,
CL1 = CL2 = 100pF
MAX490EC/E, MAX491EC/E
Figures 11 and 13, CL = 15pF, S2 closed
Figures 11 and 13, CL = 15pF, S1 closed
Figures 11 and 13, CL = 100pF, S1 closed
Figures 11 and 13, CL = 100pF, S2 closed
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Driver Enable to Output High
tZH
45
70
Receiver Input to Output
tPLH, tPHL
Driver Output Skew to Output
ns
Driver Enable to Output Low
tZL
45
70
ns
Driver Disable Time from Low
tLZ
45
70
ns
| tPLH - tPHL | Differential
Receiver Skew
Driver Disable Time from High
tSKD
tHZ
45
70
5
ns
20
60
200
Receiver Enable to Output Low
tZL
20
50
ns
Receiver Enable to Output High
Driver Input to Output
tZH
20
50
ns
Receiver Disable Time from Low
tLZ
20
50
tPLH
10
40
60
ns
Receiver Disable Time from High
tHZ
20
50
Mbps
Maximum Data Rate
fMAX
2.5
ns
Time to Shutdown
tSHDN
50
200
600
tSKEW
510
ns
CONDITIONS
Figures 10 and 14,
RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 10 and 14, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
Figures 9 and 15, CRL = 15pF, S1 closed
Figures 9 and 15, CRL = 15pF, S2 closed
Figures 9 and 15, CRL = 15pF, S1 closed
Figures 9 and 15, CRL = 15pF, S2 closed
MAX481E (Note 5)
Figures 10 and 12, RDIFF = 54
Ω,
CL1 = CL2 = 100pF
MAX481E,MAX485E,MAX1487E
ns
Figures 10 and 12, RDIFF = 54
Ω, CL1 = CL2 = 100pF
tPHL
10
40
60
ns
ns
ns
20
60
150
ns
kV
±15
A, B, Y and Z pins, tested using Human Body Model
ESD Protection
MAX481E/MAX483E/MAX485E/
MAX487E–MAX491E/MAX1487E
Maxim Integrated
3


Similar Part No. - MAX481EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481EEPA MAXIM-MAX481EEPA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX481EEPA MAXIM-MAX481EEPA Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481EEPA MAXIM-MAX481EEPA Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results

Similar Description - MAX481EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com