Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX481EEPA Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX481EEPA
Description  ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481EEPA Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX481EEPA Datasheet HTML 8Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 9Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 10Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 11Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 12Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 13Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 14Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 15Page - Maxim Integrated Products MAX481EEPA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
Figure 26. MAX488E–MAX491E Full-Duplex RS-485 Network
120
Ω
120
Ω
R
D
RO
RE
DE
DI
A
B
Y
120
Ω
120
Ω
DI
DI
DI
RO
RO
RO
DE
DE
DE
RE
RE
RE
Z
Z
Z
Z
Y
Y
Y
AA
A
BB
B
D
D
D
R
R
R
MAX488E
MAX489E
MAX490E
MAX491E
NOTE: RE AND DE ON MAX489E/MAX491E ONLY.
DI
RO
DE
RE
A
B
RE
RE
RE
RO
RO
RO
DI
DI
DI
DE
DE
DE
D
D
D
R
R
R
B
B
B
A
A
A
120
Ω
120
Ω
D
R
MAX481E
MAX483E
MAX485E
MAX487E
MAX1487E
Figure 25. MAX481E/MAX483E/MAX485E/MAX487E/MAX1487E Typical Half-Duplex RS-485 Network
MAX481E/MAX483E/MAX485E/
MAX487E–MAX491E/MAX1487E
Maxim Integrated
15


Similar Part No. - MAX481EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481EEPA MAXIM-MAX481EEPA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX481EEPA MAXIM-MAX481EEPA Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481EEPA MAXIM-MAX481EEPA Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results

Similar Description - MAX481EEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com