Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3901E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3901E
Description  Triple, 8-Bit NV Variable Resistor with Dual Settings and User EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3901E Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3901E Datasheet HTML 1Page - Maxim Integrated Products DS3901E Datasheet HTML 2Page - Maxim Integrated Products DS3901E Datasheet HTML 3Page - Maxim Integrated Products DS3901E Datasheet HTML 4Page - Maxim Integrated Products DS3901E Datasheet HTML 5Page - Maxim Integrated Products DS3901E Datasheet HTML 6Page - Maxim Integrated Products DS3901E Datasheet HTML 7Page - Maxim Integrated Products DS3901E Datasheet HTML 8Page - Maxim Integrated Products DS3901E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Triple, 8-Bit NV Variable Resistor
with Dual Settings and User EEPROM
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +95°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC, SDA, SCL Relative to GND .........-0.5V to +6.0V
Voltage on ADD_SEL, BK_SEL, DIS Relative
to GND .................-0.5V to (VCC + 0.5V), not to exceed +6.0V
Voltage on H0, H1, H2, L2, L0 Relative to GND........-0.5V to +6.0V
Maximum Resistor Current....................................................3mA
Operating Temperature Range ...........................-40°C to +95°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature ....................................Refer to IPC/JEDEC
J-STD-020 Specification
Maximum Switch Current ......................................................3mA
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.4
5.5
V
Input Logic 0
(SDA, SCL, ADD_SEL)
VIL
(Note 1)
-0.3
0.3 x
VCC
V
Input Logic 1
(SDA, SCL, ADD_SEL)
VIH
(Note 1)
0.7 x
VCC
VCC +
0.3
V
Input Logic 0 (BK_SEL, DIS)
VIL
(Note 1)
-0.3
+0.8
V
Input Logic 1 (BK_SEL, DIS)
VIH
(Note 1)
2.0
VCC +
0.3
V
Voltage on Resistor Inputs
H0, H1,
L0, H2, L2
-0.3
+5.5
V
Switch Current
(L0_SW, Hi-Z0, Hi-Z1, Hi-Z2)
ISW
(Note 2)
3
mA
ELECTRICAL CHARACTERISTICS
(VCC = +2.4V to +5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Current
ISTBY
(Note 3)
250
µA
Input Leakage
IL
-1
+1
µA
VOL1
3mA sink current
0
0.4
Low-Level Output Voltage (SDA)
VOL2
6mA sink current
0
0.6
V
Pulldown Resistance (BK_SEL)
RBK
20
30
45
k
Pullup Resistance (DIS)
RDIS
20
30
45
k
BK_SEL Pulse Width
20
µs


Similar Part No. - DS3901E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3901E++ MAXIM-DS3901E+ Datasheet
365Kb / 20P
   Triple, 8-Bit NV Variable Resistor with Dual Settings and User EEPROM
Rev 0; 4/06
More results

Similar Description - DS3901E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3901 MAXIM-DS3901 Datasheet
365Kb / 20P
   Triple, 8-Bit NV Variable Resistor with Dual Settings and User EEPROM
Rev 0; 4/06
DS3902 MAXIM-DS3902 Datasheet
666Kb / 11P
   Dual, NV, Variable Resistors with User EEPROM
Rev 0; 5/04
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS3906 MAXIM-DS3906 Datasheet
260Kb / 14P
   Triple NV Low Step Size Variable Resistor Plus Memory
Rev 0; 4/05
DS1775 MAXIM-DS1775 Datasheet
400Kb / 14P
   User-Definable Thermostat Settings
Rev 5/13
logo
STMicroelectronics
ST7294 STMICROELECTRONICS-ST7294 Datasheet
540Kb / 69P
   8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
September 1995
logo
Taiwan Memory Technolog...
T81L0010B TMT-T81L0010B Datasheet
157Kb / 19P
   8-bit MCU with Embedded EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com