Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU25TD2WNVX-XTL Datasheet(PDF) 2 Page - Rohm

Part # BU25TD2WNVX-XTL
Description  high-performance FULL CMOS regulator with 200-mA output, which is mounted on versatile package SSON004X1010
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU25TD2WNVX-XTL Datasheet(HTML) 2 Page - Rohm

  BU25TD2WNVX-XTL Datasheet HTML 1Page - Rohm BU25TD2WNVX-XTL Datasheet HTML 2Page - Rohm BU25TD2WNVX-XTL Datasheet HTML 3Page - Rohm BU25TD2WNVX-XTL Datasheet HTML 4Page - Rohm BU25TD2WNVX-XTL Datasheet HTML 5Page - Rohm BU25TD2WNVX-XTL Datasheet HTML 6Page - Rohm BU25TD2WNVX-XTL Datasheet HTML 7Page - Rohm BU25TD2WNVX-XTL Datasheet HTML 8Page - Rohm BU25TD2WNVX-XTL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300050-1-2
TSZ22111・15・001
2/9
7.FEB.2013.Rev.001
BUxxTD2WNVX series
Datasheet
●Connection Diagram
●Pin Descriptions
●Ordering Information
1 VOUT
2 GND
3 STBY
4 VIN
SSON004X1010 (TOP VIEW)
Part Number Marking
LOT Number
1PIN MARK
1
2
SSON004X1010
PIN No.
Symbol
Function
1
VOUT
Output Voltage
2
GND
Grouding
3
STBY
ON/OFF control of output voltage
(High: ON, Low: OFF)
4
VIN
Power Supply Voltage
BU
x
x
T
D
2
W
N
V
X
-
T
L
Part
Output Voltage
Low Dropout Voltage
with
Package
Halogen Free
Packageing and forming specification
Number
10 : 1.0V
Maximum Output Current
output discharge NVX : SSON004X1010
G : compatible
Embossed tape and reel
200mA
Blank : incompatible
TL : The pin number 1 is the lower left
34 : 3.4V
SSON004X1010
(Unit : mm)
1.0
±0.1
1PIN MARK
S
0.05
0.65
±0.05
0.48
±0.05
0.25
±0.05
1
45º
4
2
3
3-C0.18
R0.05
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the left hand
5000pcs
TL
()
Direction of feed
Reel
1pin


Similar Part No. - BU25TD2WNVX-XTL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU25TD2WNVX ROHM-BU25TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
More results

Similar Description - BU25TD2WNVX-XTL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU28TD3WG-TR ROHM-BU28TD3WG-TR Datasheet
483Kb / 10P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com