Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-3601 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-3601
Description  7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-3601 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-3601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-3601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-3601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-3601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-3601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-3601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-3601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-3601 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-3601 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Figure 8. Allowable Peak Current vs. Pulse Duration – Green Series.
Figure 9. Maximum Allowable DC Current vs. Ambient Temperature.
HER, Yellow, Green
Figure 6. Maximum Tolerable Peak Current vs. Pulse Duration – HER Series.
Figure 7. Maximum Tolerable Peak Current vs. Pulse Duration – Yellow Series.
Figure 10. Forward Current vs. Forward Voltage.
Figure 11. Relative Luminous Intensity vs.
DC Forward Current.
Figure 12. Relative Luminous Efficiency
(Luminous Intensity per Unit Current) vs.
Peak Current.


Similar Part No. - HDSP-3601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-3601 HP-HDSP-3601 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-3601 AVAGO-HDSP-3601 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
More results

Similar Description - HDSP-3601

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-E150 AVAGO-HDSP-E150 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
HDSP-4603 AVAGO-HDSP-4603 Datasheet
995Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
5082-761X AVAGO-5082-761X Datasheet
242Kb / 10P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
Broadcom Corporation.
5082-761X BOARDCOM-5082-761X Datasheet
1Mb / 12P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven-Segment Displays
logo
Agilent(Hewlett-Packard...
5082-7610 HP-5082-7610 Datasheet
193Kb / 11P
   7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-740X AVAGO-HDSP-740X Datasheet
209Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-7501 HP-HDSP-7501 Datasheet
218Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-740X HP-HDSP-740X Datasheet
121Kb / 11P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7801-JK000 AVAGO-HDSP-7801-JK000 Datasheet
224Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
HDSP-A151 AVAGO-HDSP-A151 Datasheet
396Kb / 10P
   7.6 mm (0.3 inch) Micro Bright Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com