Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-M611-500E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-M611-500E
Description  Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-M611-500E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-M611-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-M611-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Outline Drawing (JEDEC MO-155)
Land Pattern Recommendation
Schematic
HCPL-M601/11 SHIELD
6
5
4
1
3
USE OF A 0.1 μF BYPASS CAPACITOR
MUST BE CONNECTED BETWEEN PINS
6 AND 4 (SEE NOTE 1).
IF
ICC
VCC
VO
GND
IO
+
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
MXXX
XXX
6
5
4
3
1
7.0 ± 0.2
(0.276 ± 0.008)
2.5 ± 0.1
(0.098 ± 0.004)
0.102 ± 0.102
(0.004 ± 0.004)
VCC
VOUT
GND
CATHODE
ANODE
4.4 ± 0.1
(0.173 ± 0.004)
1.27
(0.050)
BSC
0.216 ± 0.038
(0.0085 ± 0.0015)
0.71
(0.028)
MIN.
0.4 ± 0.05
(0.016 ± 0.002)
3.6 ± 0.1*
(0.142 ± 0.004)
DIMENSIONS IN MILLIMETERS (INCHES)
* MAXIMUM MOLD FLASH ON EACH SIDE IS 0.15 mm (0.006)
NOTE: FLOATING LEAD PROTRUSION IS 0.15 mm (6 mils) MAX.
7° MAX.
MAX. LEAD COPLANARITY
= 0.102 (0.004)
8.27
(0.325)
2.0
(0.080)
2.5
(0.10)
1.3
(0.05)
0.64
(0.025)
4.4
(0.17)
Regulatory Information
The HCPL-M600, HCPL-M601 and HCPL-M611 are approved by the following organizations:
IEC/EN/DIN EN 60747-5-5 (Option 060 only)
for HCPL-M601 and HCPL-M611
UL
Approval under UL 1577, component recognition pro-
gram up to VISO = 3750 VRMS.
CSA
Approval under CSA Component Acceptance Notice #5,
File CA 88324.


Similar Part No. - HCPL-M611-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Similar Description - HCPL-M611-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M611 AVAGO-HCPL-M611 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M611 HP-HCPL-M611 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M600 AVAGO-HCPL-M600 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-000E AVAGO-HCPL-M601-000E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M601-500E AVAGO-HCPL-M601-500E Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M600500 AVAGO-HCPL-M600500 Datasheet
172Kb / 11P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-M60L BOARDCOM-ACPL-M60L Datasheet
762Kb / 14P
   Small Outline, 5 Leads, High CMR, High-Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M60L-000E AVAGO-ACPL-M60L-000E Datasheet
237Kb / 11P
   Small Outline, 5 Leads, High CMR, High Speed, Logic Gate Optocouplers
HCPL-M453-000E AVAGO-HCPL-M453-000E Datasheet
152Kb / 9P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-M452 HP-HCPL-M452 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com