Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


FQP9N08 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FQP9N08
Description  80V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
Rev. A2, December 2000
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2000 Fairchild Semiconductor International
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 0.87mH, IAS = 9.3A, VDD = 25V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 9.3A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
80
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.08
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 80 V, VGS = 0 V
--
--
1
µA
VDS = 64 V, TC = 150°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 25 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -25 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 4.65 A
--
0.16
0.21
gFS
Forward Transconductance
VDS = 30 V, ID = 4.65 A
--
3.6
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
190
250
pF
Coss
Output Capacitance
--
70
90
pF
Crss
Reverse Transfer Capacitance
--
13
17
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 40 V, ID = 9.3 A,
RG = 25 Ω
--
2.8
15
ns
tr
Turn-On Rise Time
--
28
65
ns
td(off)
Turn-Off Delay Time
--
9
28
ns
tf
Turn-Off Fall Time
--
17
45
ns
Qg
Total Gate Charge
VDS = 64 V, ID = 9.3 A,
VGS = 10 V
--
5.9
7.7
nC
Qgs
Gate-Source Charge
--
1.5
--
nC
Qgd
Gate-Drain Charge
--
2.6
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
9.3
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
37.2
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 9.3 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 9.3 A,
dIF / dt = 100 A/µs
--
50
--
ns
Qrr
Reverse Recovery Charge
--
70
--
nC




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FQAF70N0880V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP17N08L80V LOGIC N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUF75545P375A 80V 0.010 Ohm N-Channel UltraFET Power MOSFET 1 2 3 4 5 MoreIntersil Corporation
FDC351280V N-Channel PowerTrench MOSFET 1 2 3 4 5 Fairchild Semiconductor
FQAF90N0880V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP24N0880V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
HUF75545P375A 80V 0.010 Ohm N-Channel UltraFET Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FDD357080V N-Channel PowerTrench MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQB17N0880V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP44N0880V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl