Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMO1100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLMO1100
Description  Standard 0603 SMD LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMO1100 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLMO1100 Datasheet HTML 1Page - Vishay Siliconix TLMO1100 Datasheet HTML 2Page - Vishay Siliconix TLMO1100 Datasheet HTML 3Page - Vishay Siliconix TLMO1100 Datasheet HTML 4Page - Vishay Siliconix TLMO1100 Datasheet HTML 5Page - Vishay Siliconix TLMO1100 Datasheet HTML 6Page - Vishay Siliconix TLMO1100 Datasheet HTML 7Page - Vishay Siliconix TLMO1100 Datasheet HTML 8Page - Vishay Siliconix TLMO1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLMS1100, TLMO1100, TLMY1100, TLMG1100, TLMP1100, TLMB1100
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 04-Jun-13
5
Document Number: 83173
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Ambient Temperature
Fig. 2 - Change of Dominant Wavelength vs. Ambient Temperature
Fig. 3 - Relative Luminous Intensity vs. Ambient Temperature
Fig. 4 - Forward Voltage vs. Ambient Temperature
Fig. 5 - Forward Current vs. Forward Voltage
Fig. 6 - Relative Luminous Intensity vs. Forward Current
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
T
amb - Ambient Temperature (°C)
19108
- 6
- 4
- 2
0
2
4
6
8
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
19081
orange
IF = 20 mA
0.0
0.4
0.8
1.2
1.6
2.0
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
19088
orange
IF = 20 mA
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
- 20
0
20
40
60
80
100
Tamb - Ambient Temperature (°C)
19093
orange
IF = 20 mA
1
10
100
1.0
1.5
2.0
2.5
3.0
VF - Forward Voltage (V)
19099
orange
0.01
0.1
1
10
1
10
100
IF - Forward Current (mA)
19109
orange


Similar Part No. - TLMO1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMO1100 VISHAY-TLMO1100 Datasheet
301Kb / 15P
   Ultrabright 0603 LED
Rev. 1.8, 30-Aug-04
TLMO1100 VISHAY-TLMO1100 Datasheet
189Kb / 15P
   Standard 0603 SMD LED
Rev. 2.2, 20-Jul-12
TLMO1100 VISHAY-TLMO1100 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMO1100 TO-GRACE-TLMO1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
TLMO1100 TO-GRACE-TLMO1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
More results

Similar Description - TLMO1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP1100 VISHAY-TLMP1100_V02 Datasheet
264Kb / 14P
   Standard 0603 SMD LED
01-Jan-2023
logo
HK TO-GRACE TECHNOLOGY ...
TLMS1100 TO-GRACE-TLMS1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
logo
Vishay Siliconix
VLMO11Q1R2 VISHAY-VLMO11Q1R2 Datasheet
187Kb / 9P
   Standard 0603 SMD LED
Rev. 1.0, 06-Nov-07
logo
HK TO-GRACE TECHNOLOGY ...
TLMB1100 TO-GRACE-TLMB1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
logo
Vishay Siliconix
TLMS1102 VISHAY-TLMS1102 Datasheet
133Kb / 8P
   Standard 0603 SMD LED
Rev. 1.4, 24-Sep-07
TLMS1100-GS08 VISHAY-TLMS1100-GS08 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
TLMS1100 VISHAY-TLMS1100_12 Datasheet
189Kb / 15P
   Standard 0603 SMD LED
Rev. 2.2, 20-Jul-12
TLMP1100 VISHAY-TLMP1100_V01 Datasheet
185Kb / 13P
   Standard 0603 SMD LED
01-Jan-2022
logo
P-tec Corporation
PL00130-WCR27 P-TEC-PL00130-WCR27_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package
PL00133-WCG25 P-TEC-PL00133-WCG25_14 Datasheet
31Kb / 1P
   SMD LED 0603 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com