Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFPT1206L1002JV Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFPT1206L1002JV
Description  SMD PTC - Nickel Thin Film Linear Thermistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPT1206L1002JV Datasheet(HTML) 2 Page - Vishay Siliconix

  TFPT1206L1002JV Datasheet HTML 1Page - Vishay Siliconix TFPT1206L1002JV Datasheet HTML 2Page - Vishay Siliconix TFPT1206L1002JV Datasheet HTML 3Page - Vishay Siliconix TFPT1206L1002JV Datasheet HTML 4Page - Vishay Siliconix TFPT1206L1002JV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TFPT
SMD PTC - Nickel Thin Film Linear Thermistors
Vishay
Document Number: 33017
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 22-Mar-11
5
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
CONSTRUCTION
Note
• Zero power is considered as measuring power max. 1 % of rated power P70
Notes
(1) Environmental performance specifications use test procedures as outlined in MIL-R-23648D and MIL-STD-202
(2) TFPTs are ESD sensitive
PART
NUMBER
A
BCD
E
TFPT 0603
1.60
± 0.10
0.85
± 0.10
0.45
± 0.10
0.30
± 0.20
0.30
± 0.20
TFPT 0805
2.00
± 0.15
1.25
± 0.15
0.45
± 0.10
0.40
± 0.20
0.40
± 0.20
TFPT 1206
3.20
± 0.15
1.60
± 0.15
0.55
± 0.10
0.50
± 0.25
0.50
± 0.25
A
B
D
C
E
Thermistor
Alumina substrate
Inner electrode
Nickel barrier
Solderable coating
Overcoating
PERFORMANCE (1)
TEST
MAXIMUM
R/R
25
(2)
High temperature exposure (100 h at 125 °C)
0.25 %
Effects of bonding (10 s solder dip at 260 °C)
0.25 %
Thermal shock (30 min at - 55 °C, 30 min at 125 °C, 5 cycles)
0.25 %
Low temperature operation (maximum rated power for 2 h at - 55 °C)
0.25 %
Short time overload (2.5 x RCWV for 5 s)
0.25 %
Load life (1000 h 70 °C, maximum rated power 1.5 h “ON”, 0.5 h “OFF”
0.25 %
Solderability (95 % coverage P/F)
P
Leaching (physical damage P/F)
P
- 75
- 50
- 25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
100
90
110
Temperature in °C
Power Derating


Similar Part No. - TFPT1206L1002JV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
103Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 30-Aug-16
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
118Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
More results

Similar Description - TFPT1206L1002JV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPT VISHAY-TFPT_V01 Datasheet
118Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 22-Mar-11
TFPT VISHAY-TFPT_17 Datasheet
103Kb / 5P
   SMD PTC - Nickel Thin Film Linear Thermistors
Revision: 30-Aug-16
TFPTL10 VISHAY-TFPTL10 Datasheet
107Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
Revision: 25-Oct-11
TFPTL VISHAY-TFPTL_V01 Datasheet
495Kb / 5P
   Radial Leaded PTC - Nickel Thin Film Linear Thermistors
01-Jan-2022
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
   Nickel thin film PTC element
Revision: 25-Oct-11
TFPT VISHAY-TFPT Datasheet
89Kb / 4P
   Linear PTC Thermistors, Surface Mount Chip
Revision: 25-Oct-06
PTFT VISHAY-PTFT Datasheet
85Kb / 3P
   Linear PTC Thermistors, Surface Mount Chip
Revision: 04-Apr-05
PTCTZ VISHAY-PTCTZ_V01 Datasheet
80Kb / 3P
   SMD PTC Thermistors For Overload Protection
01-Jan-2022
logo
Murata Manufacturing Co...
PRF15BC102RB6RC MURATA-PRF15BC102RB6RC Datasheet
215Kb / 3P
   PTC Thermistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com