Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS35-E3-9AT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS35-E3-9AT
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS35-E3-9AT Datasheet(HTML) 2 Page - Vishay Siliconix

  SS35-E3-9AT Datasheet HTML 1Page - Vishay Siliconix SS35-E3-9AT Datasheet HTML 2Page - Vishay Siliconix SS35-E3-9AT Datasheet HTML 3Page - Vishay Siliconix SS35-E3-9AT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS32 thru SS36
www.vishay.com
Vishay General Semiconductor
Revision: 17-Dec-12
2
Document Number: 88751
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) P.C.B. mounted 0.55" x 0.55" (14 mm x 14 mm) copper pad areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SS32
SS33
SS34
SS35
SS36
UNIT
Maximum instantaneous
forward voltage (1)
3.0 A
VF
0.5
0.75
V
Maximum DC reverse current
at rated DC blocking voltage (1)
TA = 25 °C
IR
0.5
mA
TA = 100 °C
20
10
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS32
SS33
SS34
SS35
SS36
UNIT
Typical thermal resistance (1)
RJA
55
°C/W
RJL
17
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS34-E3/57T
0.235
57T
850
7" diameter plastic tape and reel
SS34-E3/9AT
0.235
9AT
3500
13" diameter plastic tape and reel
SS34HE3/57T (1)
0.235
57T
850
7" diameter plastic tape and reel
SS34HE3/9AT (1)
0.235
9AT
3500
13" diameter plastic tape and reel
SS34HE3_A/H (1)
0.235
H
850
7" diameter plastic tape and reel
SS34HE3_A/I (1)
0.235
I
3500
13" diameter plastic tape and reel
50
170
70
90
110
130
150
0
1.5
2.5
3.5
Resistive or Inductive Load
SS32 thru SS34
SS35 and SS36
Ambient Temperature (°C)
P.C.B. Mounted on
0.55" x 0.55" (14 mm x 14 mm)
Copper Pad Areas
0.5
1.0
2.0
3.0
1
10
100
0
20
40
60
80
100
Number of Cycles at 60 Hz
At Rated T
L
8.3 ms Single Half Sine-Wave


Similar Part No. - SS35-E3-9AT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS35-E3 VISHAY-SS35-E3 Datasheet
89Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 17-Dec-12
More results

Similar Description - SS35-E3-9AT

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com