Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4102DY-T1-GE3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4102DY-T1-GE3
Description  N-Channel 100 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4102DY-T1-GE3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4102DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Vishay Siliconix
Si4102DY
Document Number: 69252
S13-0631-Rev. C, 25-Mar-13
www.vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 10 V thru 6 V
4 V
VDS - Drain-to-Source Voltage (V)
5 V
0.00
0.05
0.10
0.15
0.20
0.25
02468
ID - Drain Current (A)
VGS = 10 V
VGS = 6.0 V
0
2
4
6
8
10
024
6
8
ID = 2.7 A
Qg - Total Gate Charge (nC)
VDS = 50 V
VDS = 80 V
0
2
4
6
8
10
024
6
8
VDS = 50 V
VDS = 80 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
0
123
456
TC = 125 °C
25 °C
VGS - Gate-to-Source Voltage (V)
- 55 °C
0
100
200
300
400
500
0
102030
405060
VDS - Drain-to-Source Voltage (V)
rss
Coss
Ciss
C
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 2.7 A
TJ - Junction Temperature (°C)


Similar Part No. - SI4102DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4102DY-T1-E3 VBSEMI-SI4102DY-T1-E3 Datasheet
464Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - SI4102DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com