Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4102DY-T1-GE3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI4102DY-T1-GE3
Description  N-Channel 100 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4102DY-T1-GE3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI4102DY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI4102DY-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Vishay Siliconix
Si4102DY
www.vishay.com
2
Document Number: 69252
S13-0631-Rev. C, 25-Mar-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
100
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
110
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
- 7.5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
24
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 100 V, VGS = 0 V
1
µA
VDS = 100 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS 5 V, VGS = 10 V
8A
Drain-Source On-State Resistancea
RDS(on)
VGS 10 V, ID = 2.7 A
0.130
0.158
VGS 6 V, ID = 2.5 A
0.145
0.175
Forward Transconductancea
gfs
VDS = 10 V, ID = 2.7 A
7S
Dynamicb
Input Capacitance
Ciss
VDS = 50 V, VGS = 0 V, f = 1 MHz
370
pF
Output Capacitance
Coss
40
Reverse Transfer Capacitance
Crss
20
Total Gate Charge
Qg
VDS = 50 V, VGS = 10 V, ID = 2.7 A
7.1
11
nC
VDS = 50 V, VGS = 6 V, ID = 2.7 A
4.6
7
Gate-Source Charge
Qgs
1.7
Gate-Drain Charge
Qgd
2
Gate Resistance
Rg
f = 1 MHz
3
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 23.8 
ID  2.1 A, VGEN = 6 V, Rg = 1 
10
15
ns
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
10
15
Fall Time
tf
10
15
Turn-On Delay Time
td(on)
VDD = 50 V, RL = 23.8 
ID  2.1 A, VGEN = 10 V, Rg = 1 
10
15
Rise Time
tr
10
15
Turn-Off Delay Time
td(off)
12
20
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
4
A
Pulse Diode Forward Current
ISM
8
Body Diode Voltage
VSD
IS = 2.1 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 2.1 A, dI/dt = 100 A/µs, TJ = 25 °C
50
80
ns
Body Diode Reverse Recovery Charge
Qrr
75
120
nC
Reverse Recovery Fall Time
ta
28
ns
Reverse Recovery Rise Time
tb
22


Similar Part No. - SI4102DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SI4102DY-T1-E3 VBSEMI-SI4102DY-T1-E3 Datasheet
464Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - SI4102DY-T1-GE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com