Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74VMEH22501A-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74VMEH22501A-EP
Description  Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501A-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74VMEH22501A-EP Datasheet HTML 5Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 6Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 7Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 8Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 9Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 10Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 11Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 12Page - Texas Instruments SN74VMEH22501A-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SN74VMEH22501AEP
8BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1BIT BUS TRANSCEIVERS
WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3STATE OUTPUTS
SCES625 − FEBRUARY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating conditions for UBT transceiver (unless otherwise
noted) (see Figures 1 and 2)
MIN
MAX
UNIT
fclock
Clock frequency
120
MHz
tw
Pulse duration
LE high
2.5
ns
tw
Pulse duration
CLK high or low
3
ns
3A before CLK
Data high
2.1
3A before CLK
Data low
2.2
3A before LE
CLK high
2
tsu
Setup time
3A before LE
CLK low
2
ns
tsu
Setup time
3B before CLK
Data high
2.5
ns
3B before CLK
Data low
2.7
3B before LE
CLK high
2
3B before LE
CLK low
2
3A after CLK
Data high
0
3A after CLK
Data low
0
3A after LE
CLK high
1
th
Hold time
3A after LE
CLK low
1
ns
th
Hold time
3B after CLK
Data high
0
ns
3B after CLK
Data low
0
3B after LE
CLK high
1
3B after LE
CLK low
1
switching characteristics over recommended operating conditions for bus transceiver function
(unless otherwise noted) (see Figures 1 and 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
tPLH
1A or 2A
1B or 2B
4.5
9.2
ns
tPHL
1A or 2A
1B or 2B
4.2
7.8
ns
tPLH
1A or 2A
1Y or 2Y
6.2
14.5
ns
tPHL
1A or 2A
1Y or 2Y
6.1
13
ns
tPZH
OEAB
1B or 2B
3.6
8.1
ns
tPZL
OEAB
1B or 2B
3.4
7.8
ns
tPHZ
OEAB
1B or 2B
3.3
9.7
ns
tPLZ
OEAB
1B or 2B
1.8
4.8
ns
tr
Transition time, B port (10%−90%)
4.3
ns
tf
Transition time, B port (90%−10%)
4.3
ns
tPLH
1B of 2B
1Y or 2Y
1.6
5.6
ns
tPHL
1B of 2B
1Y or 2Y
1.6
5.6
ns
tPZH
OEBY
1Y or 2Y
1.2
5.6
ns
tPZL
OEBY
1Y or 2Y
1.8
4.9
ns
tPHZ
OEBY
1Y or 2Y
0.9
5.4
ns
tPLZ
OEBY
1Y or 2Y
1.4
4.5
ns


Similar Part No. - SN74VMEH22501A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

Similar Description - SN74VMEH22501A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CALVC164245IGQLREP TI-CALVC164245IGQLREP Datasheet
387Kb / 19P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
7717-108DAPG AAVID-7717-108DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-86DAPG AAVID-7717-86DAPG Datasheet
55Kb / 2P
   Product Change Notification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com