Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL822 Datasheet(PDF) 4 Page - GENESYS LOGIC

Part # GL822
Description  USB 2.0 SD 3.0/MMC/MS Card Reader Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL822 Datasheet(HTML) 4 Page - GENESYS LOGIC

  GL822 Datasheet HTML 1Page - GENESYS LOGIC GL822 Datasheet HTML 2Page - GENESYS LOGIC GL822 Datasheet HTML 3Page - GENESYS LOGIC GL822 Datasheet HTML 4Page - GENESYS LOGIC GL822 Datasheet HTML 5Page - GENESYS LOGIC GL822 Datasheet HTML 6Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GL822 Product Overview
©2012 Genesys Logic, Inc. - All rights reserved.
Page 4
CHAPTER 2
FEATURES
USB specification compliance
-
Comply with 480Mbps Universal Serial Bus specification rev. 2.0
-
Comply with USB Storage Class specification rev. 1.0
-
Support one device address and up to four endpoints:
Control (0)/ Bulk Read (1)/ Bulk Write (2)/Interrupt (3)
Integrated USB building blocks
-
USB 2.0 transceiver macro (UTM), Serial Interface Engine (SIE), Build-in power-on reset (POR)
Embedded 8051 micro-controller
-
Embedded mask ROM and internal SRAM
Secure Digital
TM
(SD)
-
Support SD specification v1.0 / v1.1 / v2.0/ SDHC (Up to 32GB)
-
Support SD specification v3.0 UHS-I: SDR25/SDR50/DDR50/SDR104
-
Support 1.8V/3.3V switch signal pads
-
Support up to 208 MHz clock frequency
-
Support SDXC (Up to 2TB)
MultiMediaCard
TM (MMC)
-
Support MMC specification v3.x / v4.0 / v4.1 / v4.2.
-
x1 / x4 / x8 bit data bus
Memory Stick
TM / Memory Stick PRO / Memory Stick PRO Duo / Memory Stick Micro /Memory Stick
PRO-HG / Memory Stick XC
-
Comply with Memory Stick specification: MS 1.43 / MS PRO 1.05 / MS HG Micro 1.00 / MS
PRO-HG Duo 1.03 with 8-bit data bus / MS XC 1.00
-
Support Read/Write quad data access (512Bytex4) for MS PRO-HG to enhance the transmission rate
On chip clock source (OCCS) and no need of 12MHz Crystal Clock input.
On-Chip 5V to 3.3V and 3.3V to 1.8V regulators
Support 5V to 3.3V Band Gap Regulator for stable voltage supply
Provide Over-Current protection mechanism for safety power supply
On-Chip power MOSFETs for supplying flash media card power
Support Power Saving mode/ Selective suspend mode for better power management.
Available in QFN-28(A) and LQFP-48 package.
Support external serial EEPROM interface for the flexibility to load the vendor information and system
options. Only available in LQFP-48 package.
Package available in 28 pin QFN (5x5 mm) , 28 pin SSOP (209 mil) and 48 pin LQFP(7x7 mm)
Table 2.1 - Product Difference Overview
Package Type
Version
Power Source
Power Management
SSOP-28
01, 03, …N
5V
Not support
QFN-28 (A)
01, 03, …N
3.3V
Power Saving Mode/ Selective Suspend Mode
QFN-28 (B)
02, 04, …N+1
5V
Not support
LQFP-48
01, 03, …N
5V/3.3V
Power Saving Mode/ Selective Suspend Mode


Similar Part No. - GL822

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL823K-HCYXX GENESYS-GL823K-HCYXX Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
GL824-MZGXX GENESYS-GL824-MZGXX Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
GL824C GENESYS-GL824C Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
More results

Similar Description - GL822

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
   USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
GENESYS LOGIC
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
GENESYS LOGIC
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
   USB 2.0 MS/ MS PRO/ SD/ MMC Controller
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
   USB 2.0 SD/MMC Single Slot Card Reader Controller
logo
Prolific Technology Inc...
MA8125D PROLIFIC-MA8125D Datasheet
103Kb / 1P
   USB 2.0 Card Reader Controller for SD/MMC or MS Pro/M2/MSHG
logo
GENESYS LOGIC
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
   USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
   Winbond USB Interface MS/SD/MMC Reader
logo
Realtek Semiconductor C...
RTS5169 REALTEK-RTS5169 Datasheet
183Kb / 15P
   USB 2.0 SD/MMC/MS/MSPRO/xD-Picture & Smart Card / SIM Card Reader
logo
List of Unclassifed Man...
AU6333 ETC2-AU6333 Datasheet
624Kb / 20P
   USB2.0 SD/MMC/MS Single/Dual LUN Card Reader Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com