Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCES643E Datasheet(PDF) 2 Page - Texas Instruments

Part # SCES643E
Description  1.2 V to 3.6 V on A Port and 1.65 to 5.5 V on B Port (VCCA ??VCCB)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCES643E Datasheet(HTML) 2 Page - Texas Instruments

  SCES643E Datasheet HTML 1Page - Texas Instruments SCES643E Datasheet HTML 2Page - Texas Instruments SCES643E Datasheet HTML 3Page - Texas Instruments SCES643E Datasheet HTML 4Page - Texas Instruments SCES643E Datasheet HTML 5Page - Texas Instruments SCES643E Datasheet HTML 6Page - Texas Instruments SCES643E Datasheet HTML 7Page - Texas Instruments SCES643E Datasheet HTML 8Page - Texas Instruments SCES643E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TXB0108
SCES643E – NOVEMBER 2006 – REVISED MAY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION/ORDERING INFORMATION
This 8-bit noninverting translator uses two separate configurable power-supply rails. The A port is designed to
track VCCA. VCCA accepts any supply voltage from 1.2 V to 3.6 V. The B port is designed to track VCCB. VCCB
accepts any supply voltage from 1.65 V to 5.5 V. This allows for universal low-voltage bidirectional translation
between any of the 1.2-V, 1.5-V, 1.8-V, 2.5-V, 3.3-V, and 5-V voltage nodes. VCCA should not exceed VCCB.
When the output-enable (OE) input is low, all outputs are placed in the high-impedance state.
The TXB0101 is designed so that the OE input circuit is supplied by VCCA.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
QFN – RGY
Reel of 1000
TXB0108RGYR
YE08
SON – DQS
Reel of 2000
TXB0108DQSR
5MR
TSSOP – PW
Reel of 2000
TXB0108PWR
YE08
–40°C to 85°C
VFBGA – GXY
Reel of 2500
TXB0108GXYR
YE08
VFBGA – ZXY (Pb-free)
Reel of 2500
TXB0108ZXYR
YE08
DSBGA - YZP
Reel of 2500
TXB0108YZPR
5M
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
PW, RGY
DQS
YZP
1
1
A3
A1
Input/output 1. Referenced to VCCA.
2
5
C4
VCCA
A-port supply voltage. 1.1 V
≤ VCCA ≤ 3.6 V, VCCA ≤ VCCB.
3
2
A4
A2
Input/output 2. Referenced to VCCA.
4
3
B3
A3
Input/output 3. Referenced to VCCA.
5
4
B4
A4
Input/output 4. Referenced to VCCA.
6
7
C3
A5
Input/output 5. Referenced to VCCA.
7
8
E4
A6
Input/output 6. Referenced to VCCA.
8
9
D3
A7
Input/output 7. Referenced to VCCA.
9
10
E3
A8
Input/output 8. Referenced to VCCA.
10
6
D4
OE
Output enable. Pull OE low to place all outputs in 3-state mode. Referenced to VCCA.
11
15
D1
GND
Ground
12
11
E2
B8
Input/output 8. Referenced to VCCB.
13
12
D2
B7
Input/output 7. Referenced to VCCB.
14
13
E1
B6
Input/output 6. Referenced to VCCB.
15
14
C2
B5
Input/output 5. Referenced to VCCB.
16
17
B1
B4
Input/output 4. Referenced to VCCB.
17
18
B2
B3
Input/output 3. Referenced to VCCB.
18
19
A1
B2
Input/output 2. Referenced to VCCB.
19
16
C1
VCCB
B-port supply voltage. 1.65 V
≤ VCCB ≤ 5.5 V.
20
20
A2
B1
Input/output 1. Referenced to VCCB.
Thermal Pad
For the RGY package, the exposed center thermal pad must be connected to ground.
2
Submit Documentation Feedback
Copyright © 2006–2012, Texas Instruments Incorporated
Product Folder Link(s): TXB0108


Similar Part No. - SCES643E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCES217O TI-SCES217O Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
SCES223 TI-SCES223 Datasheet
2Mb / 53P
[Old version datasheet]   This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
SCES224J TI-SCES224J Datasheet
240Kb / 20P
[Old version datasheet]   PurePath Digital™ 5.1 Channel Evaluation Module for the TAS5508 Digital Audio PWM processor and TAS5122DCA Digital Amplifier Power Output Stage in Both Bridge-Tied-Load and Single-Ended Configuration
October 2004
SCES296 TI-SCES296 Datasheet
2Mb / 53P
[Old version datasheet]   This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
October 2012
logo
SeCoS Halbleitertechnol...
SCESD0502L-C SECOS-SCESD0502L-C Datasheet
306Kb / 2P
   Ultra Low Capacitance TVS/ESD Protection Diode
More results

Similar Description - SCES643E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
logo
Texas Instruments
SN65C23243 TI1-SN65C23243_08 Datasheet
446Kb / 19P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243 Datasheet
254Kb / 15P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
SN65C23243 TI-SN65C23243_06 Datasheet
257Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
logo
Analog Devices
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG836 AD-ADG836 Datasheet
652Kb / 12P
   0.5CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. 0
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com