Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2684 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2684
Description  MINIMAL BANDWIDTH CHANGE VERSUS GAIN, 170MHz BANDWIDTH AT G = 2
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2684 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2684 Datasheet HTML 6Page - Texas Instruments OPA2684 Datasheet HTML 7Page - Texas Instruments OPA2684 Datasheet HTML 8Page - Texas Instruments OPA2684 Datasheet HTML 9Page - Texas Instruments OPA2684 Datasheet HTML 10Page - Texas Instruments OPA2684 Datasheet HTML 11Page - Texas Instruments OPA2684 Datasheet HTML 12Page - Texas Instruments OPA2684 Datasheet HTML 13Page - Texas Instruments OPA2684 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
OPA2684
10
SBOS239D
www.ti.com
–55
–60
–65
–70
–75
–80
–85
Load Resistance (
Ω)
10
1k
100
DIFFERENTIAL DISTORTION
vs LOAD RESISTANCE
V
O = 4Vp-p
G
D = 2
f = 5MHz
3rd-Harmonic
2nd-Harmonic
–55
–60
–65
–70
–75
–80
–85
DIFFERENTIAL DISTORTION vs FREQUENCY
Frequency (MHz)
110
3rd-Harmonic
2nd-Harmonic
V
O = 4Vp-p
G
D = 2
R
L = 100Ω
–55
–60
–65
–70
–75
–80
–85
DIFFERENTIAL DISTORTION
vs OUTPUT VOLTAGE
Output Voltage (Vp-p)
110
3rd-Harmonic
2nd-Harmonic
f = 5MHz
G
D = 2
R
L = 100Ω
1/2
OPA2684
RG
800
+5V
1/2
OPA2684
RG
RL
VI
800
VO
–5V
GD =
804
RG
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
Frequency (MHz)
1
200
10
100
DIFFERENTIAL SMALL-SIGNAL
FREQUENCY RESPONSE
V
O = 200mVp-p
G = 2
G = 20
G = 10
G = 5
G = 1
9
6
3
0
–3
–6
–9
–12
–15
–18
Frequency (Hz)
1
200
10
100
DIFFERENTIAL LARGE-SIGNAL
FREQUENCY RESPONSE
G
D = 2
R
L = 100Ω
V
O = 0.2Vp-p
V
O = 1Vp-p
V
O = 2Vp-p
V
O = 5Vp-p
DIFFERENTIAL PERFORMANCE
TEST CIRCUIT
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
At TA = +25°C, G = +2, RF = 800Ω, RL = 100Ω, unless otherwise noted.


Similar Part No. - OPA2684

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2684 BURR-BROWN-OPA2684 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2684 BURR-BROWN-OPA2684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA2684 BURR-BROWN-OPA2684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2684ID TI1-OPA2684ID Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2684

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
   Wide Bandwidth - 65MHz at Gain of -1
logo
IK Semicon Co., Ltd
IK7002 IKSEMICON-IK7002 Datasheet
371Kb / 5P
   Gain bandwidth product
logo
Inchange Semiconductor ...
2SC5227 ISC-2SC5227 Datasheet
266Kb / 5P
   High Gain Bandwidth Product
2SC4988 ISC-2SC4988 Datasheet
216Kb / 5P
   High Gain Bandwidth Product
2SC5090 ISC-2SC5090 Datasheet
322Kb / 7P
   High Gain Bandwidth Product
2SC5772 ISC-2SC5772 Datasheet
257Kb / 10P
   High Gain Bandwidth Product
2SC4807 ISC-2SC4807 Datasheet
212Kb / 5P
   High Gain-Bandwidth Product
2SC3862 ISC-2SC3862 Datasheet
218Kb / 4P
   High Gain Bandwidth Product
2SC5084 ISC-2SC5084 Datasheet
267Kb / 5P
   High Gain Bandwidth Product
logo
Linear Technology
LT1807CMS8 LINER-LT1807CMS8 Datasheet
321Kb / 28P
   Gain-Bandwidth Product: 325MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com