Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2950-N Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP2950-N
Description  5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2950-N Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP2950-N Datasheet HTML 21Page - Texas Instruments LP2950-N Datasheet HTML 22Page - Texas Instruments LP2950-N Datasheet HTML 23Page - Texas Instruments LP2950-N Datasheet HTML 24Page - Texas Instruments LP2950-N Datasheet HTML 25Page - Texas Instruments LP2950-N Datasheet HTML 26Page - Texas Instruments LP2950-N Datasheet HTML 27Page - Texas Instruments LP2950-N Datasheet HTML 28Page - Texas Instruments LP2950-N Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-May-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP2950ACZ-3.0/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950A
CZ3.0
LP2950ACZ-3.3/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950A
CZ3.3
LP2950ACZ-5.0/LFT1
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950A
CZ5.0
LP2950ACZ-5.0/LFT3
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950A
CZ5.0
LP2950ACZ-5.0/LFT7
ACTIVE
TO-92
LP
3
2000
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
2950A
CZ5.0
LP2950ACZ-5.0/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
SNCU
Level-1-NA-UNLIM
-40 to 125
2950A
CZ5.0
LP2950CDT-3.0
ACTIVE
TO-252
NDP
3
75
TBD
Call TI
Call TI
-40 to 125
LP2950CDT-3.0/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-3.0
LP2950CDT-3.3
ACTIVE
TO-252
NDP
3
75
TBD
Call TI
Call TI
-40 to 125
LP2950
CDT-3.3
LP2950CDT-3.3/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-3.3
LP2950CDT-5.0/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-5.0
LP2950CDTX-3.0
ACTIVE
TO-252
NDP
3
2500
TBD
Call TI
Call TI
-40 to 125
LP2950CDTX-3.0/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-3.0
LP2950CDTX-3.3
ACTIVE
TO-252
NDP
3
2500
TBD
Call TI
Call TI
-40 to 125
LP2950CDTX-3.3/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-3.3
LP2950CDTX-5.0
ACTIVE
TO-252
NDP
3
2500
TBD
Call TI
Call TI
-40 to 125
LP2950
CDT-5.0
LP2950CDTX-5.0/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
-40 to 125
LP2950
CDT-5.0
LP2950CN
ACTIVE
PDIP
P
8
40
TBD
Call TI
Call TI
-40 to 125
LP


Similar Part No. - LP2950-N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950-N TI1-LP2950-N Datasheet
1Mb / 42P
[Old version datasheet]   LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
LP2950-N TI-LP2950-N_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP295x-N Series of Adjustable Micropower Voltage Regulators
More results

Similar Description - LP2950-N

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCS05 XILINX-XCS05 Datasheet
776Kb / 83P
   Available in both 5V and 3.3V versions
XCS10XL-4TQG144C XILINX-XCS10XL-4TQG144C Datasheet
766Kb / 83P
   Available in both 5V and 3.3V versions
logo
Texas Instruments
LM2596S-ADJ TI-LM2596S-ADJ Datasheet
4Mb / 42P
[Old version datasheet]   3.3V, 5V, 12V, and Adjustable Output Versions
LM1086CSX-3.3 TI-LM1086CSX-3.3 Datasheet
2Mb / 24P
[Old version datasheet]   Available in 1.8V, 2.5V, 2.85V, 3.3V, 3.45V, 5V and Adjustable Versions
logo
M.S. Kennedy Corporatio...
MSK5010-120 MSK-MSK5010-120_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5020-120 MSK-MSK5020-120_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5020-33 MSK-MSK5020-33_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5010-33 MSK-MSK5010-33_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5010-50 MSK-MSK5010-50_15 Datasheet
743Kb / 7P
   Available in 3.3V, 5.0V and 12.0V versions
MSK5020-50 MSK-MSK5020-50_15 Datasheet
422Kb / 6P
   Available in 3.3V, 5.0V and 12.0V versions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com