Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEHR33A102KN2A Datasheet(PDF) 32 Page - Murata Manufacturing Co., Ltd.

Part # DEHR33A102KN2A
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DEHR33A102KN2A Datasheet(HTML) 32 Page - Murata Manufacturing Co., Ltd.

Back Button DEHR33A102KN2A Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. DEHR33A102KN2A Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 83 page
background image
C85E.pdf
Jul.13,2011
30
6
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
High Voltage Ceramic Capacitors
DES Series (125
°C Guaranteed/Low-dissipation Factor/DC500V-1kV)
s Features
1. Low dissipation factor series that can be used for
power supplies with an increased switching
frequency.
2. The allowable power in the 100 to 300kHz band is
improved to approximately one and a half times that
of the DEH series while remaining the same size.
3. Operating temperature range is guaranteed up to 125
degrees C.
4. Coated with flame-retardant epoxy resin
(equivalent to UL94V-0 standard).
Please contact us when a halogen-free product*
is necessary.
* Cl=900ppm max., Br=900ppm max. and
Cl+Br=1500ppm max.
5. Taping available for automatic insertion.
s Applications
Ideal for use on high-frequency pulse circuits such as
snubber circuits for switching power supplies.
Do not use these products in any automotive
power train or safety equipment including battery
chargers for electric vehicles and plug-in hybrids.
Only Murata products clearly stipulated as
"for Automotive use" on its catalog can be used
for automobile applications such as power train and
safety equipment.
Lead Code
Coating Extension e
A2, A3
Up to the end of crimp
(in mm)
ø d
0.6
±0.05
D max.
T max.
e
ø d
F
±1.0
[Bulk]
Vertical Crimp Long (A2,A3)
D max.
T max.
F
±0.8
e
ø d
(in mm)
Lead Code
Coating Extension e
J2, J3
Up to the end of crimp
ø d
0.6
±0.05
[Bulk]
Vertical Crimp Short (J2,J3)
s Marking
Nominal Body Diameter
DC1kV
DC500V
ø6mm
ø7-9mm
ø10-17mm
Series Code
Temperature Characteristic
Nominal Capacitance
Capacitance Tolerance
Rated Voltage
Manufacturer's Identification
Manufactured Date Code
Abbreviation (S)
Marked with code
Marked with 3 figures
Marked with code (omitted for nominal body diameter ø6mm)
Marked with code (omitted for DC500V)
Marked with
(omitted for nominal body diameter ø9mm and under)
Abbreviation
Rated Voltage
S D
101
66
S D
102K
66
S D
222K
66
S D
101
1KV 66
S D
471K
1KV 66
S D
152K
1KV
66


Similar Part No. - DEHR33A102KN2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
45Kb / 1P
   High Voltage Ceramic Capacitors (250V-6.3kV)
More results

Similar Description - DEHR33A102KN2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com