Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5951MG-1.5 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP5951MG-1.5
Description  LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5951MG-1.5 Datasheet(HTML) 1 Page - Texas Instruments

  LP5951MG-1.5 Datasheet HTML 1Page - Texas Instruments LP5951MG-1.5 Datasheet HTML 2Page - Texas Instruments LP5951MG-1.5 Datasheet HTML 3Page - Texas Instruments LP5951MG-1.5 Datasheet HTML 4Page - Texas Instruments LP5951MG-1.5 Datasheet HTML 5Page - Texas Instruments LP5951MG-1.5 Datasheet HTML 6Page - Texas Instruments LP5951MG-1.5 Datasheet HTML 7Page - Texas Instruments LP5951MG-1.5 Datasheet HTML 8Page - Texas Instruments LP5951MG-1.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LP5951
VIN
VOUT
GND
NC
VIN
Enable Control,
active high
1
3
2
4
5
Load
VEN
1 PF
1 PF
LP5951
www.ti.com
SNVS345F – JUNE 2006 – REVISED MAY 2013
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
Check for Samples: LP5951
1
FEATURES
DESCRIPTION
The LP5951 regulator is designed to meet the
2
Excellent Line Transient Response: ±2mV typ.
requirements of portable, battery-powered systems
Excellent PSRR: -60dB at 1kHz typ.
providing
a
regulated
output
voltage
and
low
Low Quiescent Current of 29µA typ.
quiescent current. When switched to shutdown mode
via a logic signal at the Enable pin, the power
1.8 to 5.5V Input Voltage Range
consumption is reduced to virtually zero.
Small SC70-5 and SOT-23-5 Packages
The LP5951 is designed to be stable with small 1µF
Fast Turn-on Time of 30µs typ.
ceramic capacitors.
Typ. < 1nA Quiescent Current in Shutdown
The LP5951 also features internal protection against
Ensured 150mA Output Current
short-circuit
currents
and
over-temperature
Output Voltage Range: 1.3V to 3.7V
conditions.
Logic Controlled Enable 0.4V/0.9V
Performance is specified for a -40°C to 125°C
Good Load Transient Response of 50mVpp
temperature range.
typ.
The device is available in SOT-23-5 and SC70-5
Thermal-overload and Short-circuit Protection
package.
-40°C to +125°C Junction Temperature Range
The device is available in fixed output voltages in the
range of 1.3V to 3.7V. For availability, please contact
APPLICATIONS
your local TI sales office.
General Purpose
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP5951MG-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951MF-1.3 NSC-LP5951MF-1.3 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MF-1.5 NSC-LP5951MF-1.5 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MF-1.8 NSC-LP5951MF-1.8 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MF-2.0 NSC-LP5951MF-2.0 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP5951MF-2.5 NSC-LP5951MF-2.5 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP5951MG-1.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com