Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5951MFX-2.8 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP5951MFX-2.8
Description  LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5951MFX-2.8 Datasheet(HTML) 4 Page - Texas Instruments

  LP5951MFX-2.8 Datasheet HTML 1Page - Texas Instruments LP5951MFX-2.8 Datasheet HTML 2Page - Texas Instruments LP5951MFX-2.8 Datasheet HTML 3Page - Texas Instruments LP5951MFX-2.8 Datasheet HTML 4Page - Texas Instruments LP5951MFX-2.8 Datasheet HTML 5Page - Texas Instruments LP5951MFX-2.8 Datasheet HTML 6Page - Texas Instruments LP5951MFX-2.8 Datasheet HTML 7Page - Texas Instruments LP5951MFX-2.8 Datasheet HTML 8Page - Texas Instruments LP5951MFX-2.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LP5951
SNVS345F – JUNE 2006 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
Typical values and limits appearing in standard typeface are for TA = 25°C. Limits appearing in boldface type apply over the
full operating temperature range: -40°C
≤ TJ ≤ +125°C. Unless otherwise noted, VIN = VOUT(NOM) + 1V, CIN = 1µF, COUT = 1µF,
VEN = 0.9V.
Symbol
Parameter
Condition
Typ
Limit
Units
Min
Max
VIN
Input Voltage
VIN ≥ VOUT(NOM) + VDO
1.8
5.5
V
IOUT = 1mA
-2.0
2.0
%
Output Voltage Tolerance
-30°C
≤ TJ ≤ +125°C
-3.5
3.5
%
Line Regulation Error
VIN = VOUT(NOM) + 1V to 5.5V
0.1
%/V
ΔVOUT
IOUT = 1mA
Load Regulation Error
IOUT = 1mA to 150mA
-0.01
%/mA
VDO
Output Voltage Dropout
IOUT = 150mA
(3)
VOUT ≥ 2.5V
250
mV
VOUT < 2.5V
200
350
mV
IQ
Quiescent Current
VEN = 0.9V, ILOAD = 0
29
55
µA
VEN = 0.9V, ILOAD = 150mA
33
70
µA
VEN = 0V
0.005
1
µA
ISC
Output Current
VIN = VOUT(NOM) + 1V
400
150
mA
(short circuit)
PSRR
Power Supply
Sine modulated VIN
Rejection Ratio
f = 100Hz
60
dB
f = 1kHz
60
dB
f = 10kHz
50
dB
EN
Output Noise
BW = 10Hz - 100kHz
125
µVRMS
TSD
Thermal Shutdown
160
°C
Temperature Hysteresis
20
°C
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are ensured by design, test, or statistical analysis. Typical numbers are not ensured, but do represent the most likely
norm.
(3)
Dropout voltage is defined as the input to output voltage differential at which the output voltage falls to 100mV below the nominal output
voltage. This specification does not apply for output voltages below 1.8V.
Enable Control Characteristics
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
IEN
Maximum Input Current at
0V
≤ VEN ≤ VIN, VIN = 5.5V
-1
1
µA
VEN Input
VIL
Low Input Threshold
VIN = 1.8..5.5V
0.4
V
(shutdown)
VIH
High Input Threshold
VIN = 1.8..5.5V
0.9
V
(enable)
Transient Characteristics
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
ΔVOUT
Dynamic Line Transient VIN = VOUT(NOM) + 1V to
±2
mV
VOUT(NOM) + 1V + 0.6V in 30µs, no load
ΔVOUT
Dynamic Load
IOUT = 0mA to 150mA in 10µs
-30
mV
Transient
IOUT = 150mA to 0mA in 10µs
20
mV
IOUT = 1mA to 150mA in 1µs
-50
mV
IOUT = 150mA to 1mA in 1µs
40
mV
ΔVOUT
Overshoot on Startup
Nominal conditions
10
mV
TON
Turn on time
IOUT = 1mA
30
µs
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP5951


Similar Part No. - LP5951MFX-2.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951MFX-2.8 NSC-LP5951MFX-2.8 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP5951MFX-2.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
[Old version datasheet]   Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
   MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
   Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
   Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
[Old version datasheet]   LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
logo
National Semiconductor ...
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
   Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
   150mA, Micropower, Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com