Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320LBC57PGE80 Datasheet(PDF) 82 Page - Texas Instruments

Part # TMS320LBC57PGE80
Description  DIGITAL SIGNAL PROCESSORS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320LBC57PGE80 Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMS320LBC57PGE80 Datasheet HTML 78Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 79Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 80Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 81Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 82Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 83Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 84Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 85Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 94 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
82
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
PQ (S-PQFP-G132)
PLASTIC QUAD FLATPACK
116
0.012 (0,30)
0.008 (0,20)
84
0.025 (0,635)
Seating Plane
0.966 (24,54)
0.934 (23,72)
1.112 (28,25)
1.088 (27,64)
0.800
(20,32)
SQ
132
1
17
83
51
SQ
SQ
18
50
0.180 (4,57) MAX
0.004 (0,10)
M
0.006 (0,15)
0.020
(0,51) MIN
0.130 (3,30)
0.150 (3,81)
0.006
(0,16)
NOM
Gage Plane
0.036 (0,91)
0.046 (1,17)
0
°–8°
117
0.010 (0,25)
1.090 (27,69)
1.070 (27,18)
SQ
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Falls within JEDEC MO-069
Thermal Resistance Characteristics
PARAMETER
°C/W
R
ΘJA
35
R
ΘJC
8.5


Similar Part No. - TMS320LBC57PGE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LBC57PGE80 TI-TMS320LBC57PGE80 Datasheet
1Mb / 91P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320LBC57PGE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com