Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320LBC57PGE80 Datasheet(PDF) 55 Page - Texas Instruments

Part # TMS320LBC57PGE80
Description  DIGITAL SIGNAL PROCESSORS
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320LBC57PGE80 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TMS320LBC57PGE80 Datasheet HTML 51Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 52Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 53Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 54Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 55Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 56Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 57Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 58Page - Texas Instruments TMS320LBC57PGE80 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 94 page
background image
TMS320C5x, TMS320LC5x
DIGITAL SIGNAL PROCESSORS
SPRS030A – APRIL 1995 – REVISED APRIL 1996
55
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
PLL clock generator option
An external frequency source can be used by injecting the frequency directly into CLKIN2with X1 left
unconnected and X2 connected to VDD. This external frequency is multiplied by the factors shown in Table 9
and Table 10 to generate the internal machine cycle. The multiply-by-one option is available on the ’C50, ’LC50,
’C51, ’LC51, ’C53, ’LC53, ’C53S and ’LC53S. The multiply-by-two option is available on the ’C52 and ’LC52.
Multiplication factors of 1, 2, 3, 4, 5, and 9 are available on the ’LC56, ’LC57, ’C57S and ’LC57S. Refer to Table 9
and Table 10 for appropriate configuration of the CLKMD1, CLKMD2 and CLKMD3 pins to generate the desired
PLL multiplication factor. The external frequency injected must conform to the specifications listed in the timing
requirements table.
switching characteristics over recommended operating conditions [H = 0.5 tc(CO)] (’320C5x only)
(see Figure 14)
PARAMETER
’320C5x-40
’320C5x-57
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT1
48.8
75
35
75
ns
tf(CO)
Fall time, CLKOUT1
5
5
ns
tr(CO)
Rise time, CLKOUT1
5
5
ns
tw(COL)
Pulse duration, CLKOUT1 low
H – 3†
H
H + 2†
H – 3†
H
H + 2†
ns
tw(COH)
Pulse duration, CLKOUT1 high
H – 3†
H
H + 2†
H – 3†
H
H + 2†
ns
td(C2H-COH)
Delay time, CLKIN2 high to CLKOUT1
high
2
9
16
2
9
16
ns
td(TP)
Delay time, transitory phase—PLL
synchronized after CLKIN2 supplied†
1000tc(C2)
1000tc(C2)
ns
PARAMETER
’320C5x-80
’320C5x-100
UNIT
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tc(CO)
Cycle time, CLKOUT1
25
55
20
45
ns
tf(CO)
Fall time, CLKOUT1
4
4
ns
tr(CO)
Rise time, CLKOUT1
4
4
ns
tw(COL)
Pulse duration, CLKOUT1 low
H – 3†
H
H + 2†
H – 3†
H
H + 2†
ns
tw(COH)
Pulse duration, CLKOUT1 high
H – 3†
H
H + 2†
H – 3†
H
H + 2†
ns
td(C2H-COH)
Delay time, CLKIN2 high to CLKOUT1
high
1
8
15
1
8
15
ns
td(TP)
Delay time, transitory phase—PLL
synchronized after CLKIN2 supplied†
1000tc(C2)
1000tc(C2)
ns
† Values assured by design and not tested
‡ On the TMS320C57S devices, CLKIN2 functions as the PLL clock input.


Similar Part No. - TMS320LBC57PGE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320LBC57PGE80 TI-TMS320LBC57PGE80 Datasheet
1Mb / 91P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320LBC57PGE80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com