Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4001ID Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4001ID
Description  270-MHz HIGH-SPEED AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4001ID Datasheet(HTML) 2 Page - Texas Instruments

  THS4001ID Datasheet HTML 1Page - Texas Instruments THS4001ID Datasheet HTML 2Page - Texas Instruments THS4001ID Datasheet HTML 3Page - Texas Instruments THS4001ID Datasheet HTML 4Page - Texas Instruments THS4001ID Datasheet HTML 5Page - Texas Instruments THS4001ID Datasheet HTML 6Page - Texas Instruments THS4001ID Datasheet HTML 7Page - Texas Instruments THS4001ID Datasheet HTML 8Page - Texas Instruments THS4001ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
THS4001
270-MHz HIGH-SPEED AMPLIFIER
SLOS206A– DECEMBER 1997 – REVISED MARCH 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE†
(D)
EVALUATION
MODULE
0
°C to 70°C
THS4001CD
THS4001EVM
– 40
°C to 85°C
THS4001ID
† The D packages are available taped and reeled. Add an R suffix to the
device type (i.e., THS4001CDR).
symbol
VCC +
OUT
NULL
NULL
IN –
IN +
VCC –
NC
_
+
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VCC– to VCC+
33 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
±VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current, IO
175 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID
±4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Ratings Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free air temperature, TA: C suffix
0
°C to 70 °C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
I suffix
– 40
°C to 85 °C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
– 65
°C to 150 °C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 Inch) from case for 10 seconds
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
A
POWER RATING
ABOVE TA = 25°C
A
POWER RATING
A
POWER RATING
D
740 mW
6 mW/
°C
475 mW
385 mW
D
740 mW
6 mW/ C
475 mW
385 mW
CAUTION: The THS4001 provides ESD protection circuitry. However, permanent damage can still occur if this device is
subjected to high-energy electrostatic discharges. Proper ESD precautions are recommended to avoid any performance
degradation or loss of functionality


Similar Part No. - THS4001ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001ID TI-THS4001ID Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
National Semiconductor ...
THS4001ID NSC-THS4001ID Datasheet
883Kb / 21P
   THS4001
THS4001IDG4 NSC-THS4001IDG4 Datasheet
883Kb / 21P
   THS4001
More results

Similar Description - THS4001ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4001 TI-THS4001 Datasheet
239Kb / 16P
[Old version datasheet]   270-MHz HIGH-SPEED AMPLIFIER
logo
Analog Devices
AD8005 AD-AD8005_15 Datasheet
376Kb / 16P
   270 MHz, 400A Current Feedback Amplifier
REV. B
AD8005 AD-AD8005 Datasheet
183Kb / 12P
   270 MHz, 400 uA Current Feedback Amplifier
REV. A
AD8005ARTZ-REEL7 AD-AD8005ARTZ-REEL7 Datasheet
171Kb / 12P
   270 MHz, 400 mA Current Feedback Amplifier
REV. A
AD8005ARZ AD-AD8005ARZ Datasheet
187Kb / 12P
   270 MHz, 400 關A Current Feedback Amplifier
REV. A
logo
National Semiconductor ...
THS4041-Q1 NSC-THS4041-Q1 Datasheet
478Kb / 24P
   165-MHz C-STABLE HIGH-SPEED AMPLIFIER
logo
Elantec Semiconductor
EL2424 ELANTEC-EL2424 Datasheet
692Kb / 9P
   Quad 60 MHz High Speed Operational Amplifier
EL2223 ELANTEC-EL2223 Datasheet
750Kb / 10P
   Dual, 500 MHz High Speed, Operational Amplifier
logo
Texas Instruments
THS3001IDR TI-THS3001IDR Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
logo
Elantec Semiconductor
EL2223D ELANTEC-EL2223D Datasheet
319Kb / 1P
   Dual, 500 MHz High Speed, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com