Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5071MT-50-NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5071MT-50-NOPB
Description  LM5071 Power Over Ethernet PD Controller with Auxiliary Power Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5071MT-50-NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5071MT-50-NOPB Datasheet HTML 3Page - Texas Instruments LM5071MT-50-NOPB Datasheet HTML 4Page - Texas Instruments LM5071MT-50-NOPB Datasheet HTML 5Page - Texas Instruments LM5071MT-50-NOPB Datasheet HTML 6Page - Texas Instruments LM5071MT-50-NOPB Datasheet HTML 7Page - Texas Instruments LM5071MT-50-NOPB Datasheet HTML 8Page - Texas Instruments LM5071MT-50-NOPB Datasheet HTML 9Page - Texas Instruments LM5071MT-50-NOPB Datasheet HTML 10Page - Texas Instruments LM5071MT-50-NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
-60 -40 -20
0
20
40
60
80 100 120 140
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
1.275
TEMPERATURE (
oC)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
oC)
390
392
394
396
398
400
402
404
406
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
oC)
8
8.5
9
9.5
10
10.5
11
11.5
12
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
oC)
8
8.5
9
9.5
10
10.5
11.5
12
11
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (
oC)
360
365
370
375
380
385
390
395
400
0
5
10 15 20 25 30 35 40 45 50
RT RESISTANCE (k:)
0
200
400
600
800
1000
LM5071
www.ti.com
SNVS409E – NOVEMBER 2005 – REVISED APRIL 2013
Typical Performance Characteristics
Default Current Limit vs Temperature
Oscillator Frequency vs RT Resistance
Figure 3.
Figure 4.
UVLO Hysteresis Current vs Temperature
Softstart Current vs Temperature
Figure 5.
Figure 6.
Oscillator Frequency vs Temperature
Error Amp Input Voltage vs temperature
RT = 15.2 k
Figure 7.
Figure 8.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5071


Similar Part No. - LM5071MT-50-NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5071MT-50 NSC-LM5071MT-50 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
More results

Similar Description - LM5071MT-50-NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
[Old version datasheet]   Power Over Ethernet PD Controller with Auxiliary Power Interface
logo
National Semiconductor ...
LM5071 NSC-LM5071 Datasheet
857Kb / 18P
   Power Over Ethernet PD Controller with Auxiliary Power Power Over Ethernet PD Controller with Auxiliary Power
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Texas Instruments
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
   Integrated Power Over Ethernet PD Interface and PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com