Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6703 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6703
Description  Fast slew rate 4500 V/關s, Supply current 11 mA, Output current 90 mA
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6703 Datasheet(HTML) 4 Page - Texas Instruments

  LMH6703 Datasheet HTML 1Page - Texas Instruments LMH6703 Datasheet HTML 2Page - Texas Instruments LMH6703 Datasheet HTML 3Page - Texas Instruments LMH6703 Datasheet HTML 4Page - Texas Instruments LMH6703 Datasheet HTML 5Page - Texas Instruments LMH6703 Datasheet HTML 6Page - Texas Instruments LMH6703 Datasheet HTML 7Page - Texas Instruments LMH6703 Datasheet HTML 8Page - Texas Instruments LMH6703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LMH6703
SNOSAF2D – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, AV = +2, VS = ±5V, RL = 100Ω, RF = 560Ω, SD = Floating.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
VO
Output Voltage Range
RL = ∞
±3.3
±3.45
V
RL = 100Ω
±3.2
±3.4
±3.14
PSRR
Power Supply Rejection Ratio
VS = ± 4.0V to ±6.0V
48
52
dB
46
CMRR
Common Mode Rejection Ratio
VCM = −1.0V to +1.0V
45
47
dB
44
IS
Supply Current (Enabled)
SD = 2V, RL = ∞
11
12.5
mA
15.0
Supply Current (Disabled)
SD = 0.8V, RL = ∞
0.2
0.900
mA
0.935
Miscellaneous Performance
RIN+
Non-Inverting Input Resistance
1
M
RIN−
Inverting Input Resistance
Output Impedance of Input Buffer
30
CIN
Non-Inverting Input Capacitance
0.8
pF
RO
Output Resistance
Closed Loop
0.05
CMVR
Input Common Mode Voltage Range
CMRR
≥ 40 dB
±1.9
V
IO
Linear Output Current
VIN = 0V, VOUT ≤ ±80 mV
±55
±90
mA
Enable/Disable Performance (Disabled Low)
TON
Enable Time
10
ns
TOFF
Disable Time
10
ns
Output Glitch
50
mVPP
VIH
Enable Voltage
SD
≥ VIH
2.0
V
VIL
Disable Voltage
SD
≤ VIL
0.8
V
IIH
Disable Pin Bias Current, High
SD = V+(7)
−7
±70
µA
IIL
Disable Pin Bias Current, Low
SD = 0V (7)
−50
−240
−400
µA
IOZ
Disabled Output Leakage Current
VOUT = ±1.8V
0.07
±25
µA
±40
(7)
Negative input current implies current flowing out of the device.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6703


Similar Part No. - LMH6703

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6703 NSC-LMH6703 Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Texas Instruments
LMH6703 TI1-LMH6703 Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
National Semiconductor ...
LMH6703MA NSC-LMH6703MA Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
Texas Instruments
LMH6703MA/NOPB TI1-LMH6703MA/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   1.2 GHz, Low Distortion Op Amp with Shutdown
logo
National Semiconductor ...
LMH6703MAX NSC-LMH6703MAX Datasheet
864Kb / 13P
   1.2 GHz, Low Distortion Op Amp with Shutdown
More results

Similar Description - LMH6703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715XX TI1-TPS715XX_12 Datasheet
643Kb / 16P
[Old version datasheet]   50 mA, 24 V, 3.2-mA Supply Current
logo
IK Semicon Co., Ltd
ILX232 IKSEMICON-ILX232 Datasheet
384Kb / 7P
   Output current 24 mA
logo
STMicroelectronics
LNBP8L STMICROELECTRONICS-LNBP8L Datasheet
423Kb / 21P
   500 mA guaranteed output current
November 2008 Rev 1
LDLN015 STMICROELECTRONICS-LDLN015 Datasheet
1Mb / 18P
   150 mA guaranteed output current
January 2015 Rev 3
LD39115J STMICROELECTRONICS-LD39115J Datasheet
429Kb / 21P
   150 mA guaranteed output current
January 2014 Rev 6
logo
MicroPower Direct, LLC
LDF24E-10-300 MPD-LDF24E-10-300 Datasheet
341Kb / 2P
   300 - 700 mA Output Current
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
Texas Instruments
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
HA-5002 INTERSIL-HA-5002 Datasheet
820Kb / 13P
   110MHz, High Slew Rate, High Output Current Buffer
November 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com