Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP6N15 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQP6N15
Description  150V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP6N15 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQP6N15 Datasheet HTML 1Page - Fairchild Semiconductor FQP6N15 Datasheet HTML 2Page - Fairchild Semiconductor FQP6N15 Datasheet HTML 3Page - Fairchild Semiconductor FQP6N15 Datasheet HTML 4Page - Fairchild Semiconductor FQP6N15 Datasheet HTML 5Page - Fairchild Semiconductor FQP6N15 Datasheet HTML 6Page - Fairchild Semiconductor FQP6N15 Datasheet HTML 7Page - Fairchild Semiconductor FQP6N15 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
  

 @    #
"7!   @




9


H



!"
 # 
!!
!$%&'H



( )*
( )+
( ),
%&
%-&
.
/

(5-F50=5I--==-,=F=-5<F(J=F(<=A5FII-F=-5=(K
;-IF=-=55;-,=-=05(D505KI5-=5< (5-F50=(I=(K
05(D505K(-55<IF=(;;05(5-I=(K;-I-5-I5=-5D=F=-=5L
=5F=-=5,=K(K05==I=-5;(=-5<F-F=-5<FF=-

(5-F50 ;-I (-=  (IF-5E= - I= ( -55(0 ;= 5 05= I;;-
=,5= - K= A5FI F= =M;-= A-5= (;;-,(0  (5-F50 =5I-
5=-(5(0
(N
) 0! ! 
 12  "
1"2 1 2 
    
!   "   " "  7  
  8
9 (     
!          "
" 7    
!   !

    !"
   !"
#"#
 !
(! 5
!5

   
 !     
 
; 
; 
  
  ""  
    !@
 !

5 
 ; 
       
  !@ 
 !
" 
5; 
    
" "    
  



Similar Part No. - FQP6N15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQP6N15 ISC-FQP6N15 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Similar Description - FQP6N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com